Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-E/SL Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6024T-E/SL
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024T-E/SL Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6024T-E/SL Datasheet HTML 17Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 18Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 19Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 20Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 21Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 22Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 23Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 24Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
© 2009 Microchip Technology Inc.
DS21685D-page 21
MCP6021/1R/2/3/4
4.11.2
OPTICAL DETECTOR AMPLIFIER
Figure 4-13 shows the MCP6021 op amp used as a
transimpedance amplifier in a photo detector circuit.
The photo detector looks like a capacitive current
source, so the 100 k
Ω resistor gains the input signal to
a reasonable level. The 5.6 pF capacitor stabilizes this
circuit and produces a flat frequency response with a
bandwidth of 370 kHz.
FIGURE 4-13:
Transimpedance Amplifier
for an Optical Detector.
Photo
Detector
100 pF
5.6 pF
100 k
Ω
VDD/2
MCP6021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com