Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6024T-E/SL Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6024T-E/SL
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6024T-E/SL Datasheet(HTML) 4 Page - Microchip Technology

  MCP6024T-E/SL Datasheet HTML 1Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 2Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 3Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 4Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 5Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 6Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 7Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 8Page - Microchip Technology MCP6024T-E/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCP6021/1R/2/3/4
DS21685D-page 4
© 2009 Microchip Technology Inc.
AC ELECTRICAL CHARACTERISTICS
MCP6023 CHIP SELECT (CS) ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, RL =10kΩ to VDD/2 and CL = 60 pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Supply
Supply Voltage
VDD
2.5
—
5.5
V
Quiescent Current per Amplifier
IQ
0.5
1.0
1.35
mA
IO = 0
AC Response
Gain Bandwidth Product
GBWP
—
10
—
MHz
Phase Margin
PM
—
65
—
°
G = +1 V/V
Settling Time, 0.2%
tSETTLE
—
250
—
ns
G = +1 V/V, VOUT = 100 mVp-p
Slew Rate
SR
—
7.0
—
V/µs
Total Harmonic Distortion Plus Noise
f = 1 kHz, G = +1 V/V
THD+N
—
0.00053
—
%
VOUT = 0.25V to 3.25V (1.75V ± 1.50VPK),
VDD = 5.0V, BW = 22 kHz
f = 1 kHz, G = +1 V/V, RL = 600Ω
THD+N
—
0.00064
—
%
VOUT = 0.25V to 3.25V (1.75V ± 1.50VPK),
VDD = 5.0V, BW = 22 kHz
f = 1 kHz, G = +1 V/V
THD+N
—
0.0014
—
%
VOUT = 4VP-P, VDD = 5.0V, BW = 22 kHz
f = 1 kHz, G = +10 V/V
THD+N
—
0.0009
—
%
VOUT = 4VP-P, VDD = 5.0V, BW = 22 kHz
f = 1 kHz, G = +100 V/V
THD+N
—
0.005
—
%
VOUT = 4VP-P, VDD = 5.0V, BW = 22 kHz
Noise
Input Noise Voltage
Eni
—
2.9
—
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—8.7
—
nV/
√Hz f = 10 kHz
Input Noise Current Density
ini
—3
—
fA/
√Hz f = 1 kHz
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, RL =10kΩ to VDD/2 and CL = 60 pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2 VDD
V
CS Input Current, Low
ICSL
-1.0
0.01
—
µA
CS = VSS
CS High Specifications
CS Logic Threshold, High
VIH
0.8 VDD
—VDD
V
CS Input Current, High
ICSH
—
0.01
2.0
µA
CS = VDD
GND Current
ISS
-2
-0.05
—
µA
CS = VDD
Amplifier Output Leakage
IO(LEAK)
—0.01—
µA
CS = VDD
CS Dynamic Specifications
CS Low to Amplifier Output Turn-on Time
tON
—
2
10
µs
G = +1, VIN = VSS,
CS = 0.2VDD to VOUT = 0.45VDD time
CS High to Amplifier Output High-Z Time
tOFF
—
0.01
—
µs
G = +1, VIN = VSS,
CS = 0.8VDD to VOUT = 0.05VDD time
Hysteresis
VHYST
—0.6
—
V
VDD = 5.0V, Internal Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com