Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575-12 Datasheet(PDF) 4 Page - Motorola, Inc

Part # LM2575-12
Description  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575-12 Datasheet(HTML) 4 Page - Motorola, Inc

  LM2575-12 Datasheet HTML 1Page - Motorola, Inc LM2575-12 Datasheet HTML 2Page - Motorola, Inc LM2575-12 Datasheet HTML 3Page - Motorola, Inc LM2575-12 Datasheet HTML 4Page - Motorola, Inc LM2575-12 Datasheet HTML 5Page - Motorola, Inc LM2575-12 Datasheet HTML 6Page - Motorola, Inc LM2575-12 Datasheet HTML 7Page - Motorola, Inc LM2575-12 Datasheet HTML 8Page - Motorola, Inc LM2575-12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM2575
4
MOTOROLA ANALOG IC DEVICE DATA
DEVICE PARAMETERS
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for
the 12 V version, and Vin = 30 V for the 15 V version. ILoad = 200 mA. For typical values TJ = 25°C, for min/max values TJ is the operating
junction temperature range that applies [Note 2], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
ALL OUTPUT VOLTAGE VERSIONS
Feedback Bias Current (Vout = 5.0 V [Adjustable Version Only])
Ib
nA
TJ = 25°C
–
25
100
TJ = –40 to +125°C
–
–
200
Oscillator Frequency [Note 3]
fosc
kHz
TJ = 25°C
–
52
–
TJ = 0 to +125°C
47
–
58
TJ = –40 to +125°C
42
–
63
Saturation Voltage (Iout = 1.0 A [Note 4])
Vsat
V
TJ = 25°C
–
1.0
1.2
TJ = –40 to +125°C
–
–
1.3
Max Duty Cycle (“on”) [Note 5]
DC
94
98
–
%
Current Limit (Peak Current [Notes 4 and 3])
ICL
A
TJ = 25°C
1.7
2.3
3.0
TJ = –40 to +125°C
1.4
–
3.2
Output Leakage Current [Notes 6 and 7], TJ = 25°C
IL
mA
Output = 0 V
–
0.8
2.0
Output = –1.0 V
–
6.0
20
Quiescent Current [Note 6]
IQ
mA
TJ = 25°C
–
5.0
9.0
TJ = –40 to +125°C
–
–
11
Standby Quiescent Current (ON/OFF Pin = 5.0 V (“off”))
Istby
µA
TJ = 25°C
–
80
200
TJ = –40 to +125°C
–
–
400
ON/OFF Pin Logic Input Level (Test Circuit Figure 14)
V
Vout = 0 V
VIH
TJ = 25°C
2.2
1.4
–
TJ = –40 to +125°C
2.4
–
–
Vout = Nominal Output Voltage
VIL
TJ = 25°C
–
1.2
1.0
TJ = –40 to +125°C
–
–
0.8
ON/OFF Pin Input Current (Test Circuit Figure 14)
µA
ON/OFF Pin = 5.0 V (“off”), TJ = 25°C
IIH
–
15
30
ON/OFF Pin = 0 V (“on”), TJ = 25°C
IIL
–
0
5.0
NOTES: 3. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output voltage to
drop approximately 40% from the nominal output voltage. This self protection feature lowers the average dissipation of the IC by lowering the
minimum duty cycle from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12 V for the Adjustable, 3.3 V, and 5.0 V versions, and +25 V for the 12 V and 15 V
versions, to force the output transistor “off”.
7. Vin = 40 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com