Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575-12 Datasheet(PDF) 1 Page - Motorola, Inc

Part # LM2575-12
Description  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575-12 Datasheet(HTML) 1 Page - Motorola, Inc

  LM2575-12 Datasheet HTML 1Page - Motorola, Inc LM2575-12 Datasheet HTML 2Page - Motorola, Inc LM2575-12 Datasheet HTML 3Page - Motorola, Inc LM2575-12 Datasheet HTML 4Page - Motorola, Inc LM2575-12 Datasheet HTML 5Page - Motorola, Inc LM2575-12 Datasheet HTML 6Page - Motorola, Inc LM2575-12 Datasheet HTML 7Page - Motorola, Inc LM2575-12 Datasheet HTML 8Page - Motorola, Inc LM2575-12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Device
Operating
Temperature Range
Package
LM2575
EASY SWITCHER
™
1.0 A STEP–DOWN
VOLTAGE REGULATOR
ORDERING INFORMATION
LM2575T–**
LM2575TV–**
TJ = –40° to +125°C
Straight Lead
Vertical Mount
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
LM2575–3.3
LM2575–5
LM2575–12
LM2575–15
LM2575–Adj
3.3 V
5.0 V
12 V
15 V
1.23 V to 37 V
D2T SUFFIX
PLASTIC PACKAGE
CASE 936A
(D2PAK)
1
5
Order this document by LM2575/D
T SUFFIX
PLASTIC PACKAGE
CASE 314D
TV SUFFIX
PLASTIC PACKAGE
CASE 314B
Pin 1. Vin
2. Output
3. Ground
4. Feedback
5. ON/OFF
LM2575D2T–**
Surface Mount
1
5
1
5
Heatsink surface (shown as terminal 6 in case outline
drawing) is connected to Pin 3.
Heatsink surface
connected to Pin 3.
** = Voltage Option, ie. 3.3, 5.0, 12, 15 V and
** =\Adjustable Output.
SEMICONDUCTOR
TECHNICAL DATA
1
MOTOROLA ANALOG IC DEVICE DATA
Easy Switcher™ 1.0 A
Step-Down Voltage Regulator
The LM2575 series of regulators are monolithic integrated circuits ideally
suited for easy and convenient design of a step–down switching regulator
(buck converter). All circuits of this series are capable of driving a 1.0 A load
with excellent line and load regulation. These devices are available in fixed
output voltages of 3.3 V, 5.0 V, 12 V, 15 V, and an adjustable output version.
These regulators were designed to minimize the number of external
components to simplify the power supply design. Standard series of
inductors optimised for use with the LM2575 are offered by several different
inductor manufacturers.
Since the LM2575 converter is a switch–mode power supply, its efficiency
is significantly higher in comparison with popular three–terminal linear
regulators, especially with higher input voltages. In many cases, the power
dissipated by the LM2575 regulator is so low, that no heatsink is required or
its size could be reduced dramatically.
The LM2575 features include a guaranteed
±4% tolerance on output
voltage within specified input voltages and output load conditions, and
±10%
on the oscillator frequency (
±2% over 0°C to 125°C). External shutdown is
included, featuring 80
µA typical standby current. The output switch includes
cycle–by–cycle current limiting, as well as thermal shutdown for full
protection under fault conditions.
Features
• 3.3 V, 5.0 V, 12 V, 15 V, and Adjustable Output Versions
• Adjustable Version Output Voltage Range of 1.23 V to 37 V ±4%
Maximum Over Line and Load Conditions
• Guaranteed 1.0 A Output Current
• Wide Input Voltage Range: 4.75 V to 40 V
• Requires Only 4 External Components
• 52 kHz Fixed Frequency Internal Oscillator
• TTL Shutdown Capability, Low Power Standby Mode
• High Efficiency
• Uses Readily Available Standard Inductors
• Thermal Shutdown and Current Limit Protection
Applications
• Simple and High–Efficiency Step–Down (Buck) Regulators
• Efficient Pre–Regulator for Linear Regulators
• On–Card Switching Regulators
• Positive to Negative Converters (Buck–Boost)
• Negative Step–Up Converters
• Power Supply for Battery Chargers
© Motorola, Inc. 1999
Rev 2, 07/1999


Similar Part No. - LM2575-12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575-12BN MICREL-LM2575-12BN Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
LM2575-12BN MICREL-LM2575-12BN Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
LM2575-12BN MICREL-LM2575-12BN Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
LM2575-12BT MICREL-LM2575-12BT Datasheet
104Kb / 9P
52kHz Simple 1A Buck Regulator
LM2575-12BT MICREL-LM2575-12BT Datasheet
158Kb / 12P
52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575-12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
Motorola, Inc
LM2576 MOTOROLA-LM2576 Datasheet
287Kb / 28P
Easy Switcher 3.0A Step-Down Voltage Regulator
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
Motorola, Inc
LM2576 MOTOROLA-LM2576_12 Datasheet
298Kb / 28P
EASY SWITCHERER 3.0 A STEP?밆OWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575D2T-005 ONSEMI-LM2575D2T-005 Datasheet
461Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com