Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3425 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 10Page - Microchip Technology MCP3425 Datasheet HTML 11Page - Microchip Technology MCP3425 Datasheet HTML 12Page - Microchip Technology MCP3425 Datasheet HTML 13Page - Microchip Technology MCP3425 Datasheet HTML 14Page - Microchip Technology MCP3425 Datasheet HTML 15Page - Microchip Technology MCP3425 Datasheet HTML 16Page - Microchip Technology MCP3425 Datasheet HTML 17Page - Microchip Technology MCP3425 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MCP3425
DS22072B-page 14
© 2009 Microchip Technology Inc.
5.2
Configuration Register
The MCP3425 has an 8-bit wide configuration register
to select for: PGA gain, conversion rate, and
conversion mode. This register allows the user to
change the operating condition of the device and check
the status of the device operation. The user can rewrite
the configuration byte any time during the device
operation.
Register 5-1
shows
the
configuration
register bits.
REGISTER 5-1:
CONFIGURATION REGISTER
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
RDY
C1
C0
O/C
S1
S0
G1
G0
1 *
0 *
0 *
1 *
0 *
0 *
0 *
0 *
bit 7
bit 0
* Default Configuration after Power-On Reset
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RDY: Ready Bit
This bit is the data ready flag. In read mode, this bit indicates if the output register has been updated
with a new conversion. In One-Shot Conversion mode, writing this bit to “1” initiates a new conversion.
Reading RDY bit with the read command:
1
= Output register has not been updated.
0
= Output register has been updated with the latest conversion data.
Writing RDY bit with the write command:
Continuous Conversion mode: No effect
One-Shot Conversion mode:
1
= Initiate a new conversion.
0
= No effect.
bit 6-5
C1-C0: Channel Selection Bits
These are the Channel Selection bits, but not used in the MCP3425 device.
bit 4
O/C: Conversion Mode Bit
1
= Continuous Conversion Mode. Once this bit is selected, the device performs data conversions
continuously.
0
= One-Shot Conversion Mode. The device performs a single conversion and enters a low power
standby mode until it receives another write/read command.
bit 3-2
S1-S0: Sample Rate Selection Bit
00 =
240 SPS (12 bits),
01 =
60 SPS (14 bits),
10 =
15 SPS (16 bits)
bit 1-0
G1-G0: PGA Gain Selector Bits
00 =
1 V/V,
01 =
2 V/V,
10 =
4 V/V,
11
=
8 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com