Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3425 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 13Page - Microchip Technology MCP3425 Datasheet HTML 14Page - Microchip Technology MCP3425 Datasheet HTML 15Page - Microchip Technology MCP3425 Datasheet HTML 16Page - Microchip Technology MCP3425 Datasheet HTML 17Page - Microchip Technology MCP3425 Datasheet HTML 18Page - Microchip Technology MCP3425 Datasheet HTML 19Page - Microchip Technology MCP3425 Datasheet HTML 20Page - Microchip Technology MCP3425 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22072B-page 17
MCP3425
5.3.3
READING DATA FROM THE DEVICE
When the Master sends a read command (R/W = 1),
the MCP3425 outputs the conversion data bytes and
configuration byte. Each byte consists of 8 bits with
one acknowledge (ACK) bit. The ACK bit after the
address byte is issued by the MCP3425 and the ACK
bits after each conversion data bytes are issued by the
Master.
When the device receives a read command, it outputs
two data bytes followed by a configuration register. In
16 bit-conversion mode, the MSB (= sign bit) of the first
data byte is D15. In 14-bit conversion mode, the first
two bits in the first data byte are repeated MSB bits and
can be ignored, and the 3rd bit (D13) is the MSB (=sign
bit) of the conversion data. In 12-bit conversion mode,
the first four bits are repeated MSB bits and can be
ignored. The 5th bit (D11) of the byte represents the
MSB (= sign bit) of the conversion data. Table 5-3
summarizes the conversion data output of each
conversion mode.
The configuration byte follows the output data bytes.
The device repeatedly outputs the configuration byte
only if the Master sends clocks repeatedly after the
data bytes.
The device terminates the current outputs when it
receives a Not-Acknowledge (NAK), a repeated start or
a stop bit at any time during the output bit stream. It is
not required to read the configuration byte. However,
the Master may read the configuration byte to check
the RDY bit condition.The Master may continuously
send clock (SCL) to repeatedly read the configuration
byte (to check the RDY bit status).
Figure 5-3 shows the timing diagrams of the reading.
TABLE 5-3:
OUTPUT CODES OF EACH RESOLUTION OPTION
Conversion
Option
Digital Output Codes
16-bits
D15 ~ D8 (1st data byte) - D7 ~ D0 (2nd data byte) - Configuration byte. (Note 1)
14-bits
MMD13 ~ D8 (1st data byte) - D7 ~ D0 (2nd data byte) - Configuration byte. (Note 2)
12-bits
MMMMD11 ~ D8 (1st data byte) - D7 ~ D0 (2nd data byte) - Configuration byte. (Note 3)
Note 1:
D15 is MSB (= sign bit).
2:
D13 is MSB (= sign bit), M is repeated MSB of the data byte.
3:
D11 is MSB (= sign bit), M is repeated MSB of the data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com