Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3422 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP3422
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3422 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP3422 Datasheet HTML 31Page - Microchip Technology MCP3422 Datasheet HTML 32Page - Microchip Technology MCP3422 Datasheet HTML 33Page - Microchip Technology MCP3422 Datasheet HTML 34Page - Microchip Technology MCP3422 Datasheet HTML 35Page - Microchip Technology MCP3422 Datasheet HTML 36Page - Microchip Technology MCP3422 Datasheet HTML 37Page - Microchip Technology MCP3422 Datasheet HTML 38Page - Microchip Technology MCP3422 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
© 2009 Microchip Technology Inc.
DS22088C-page 35
MCP3422/3/4
Equation 6-2 shows an example of calculating the
expected number of output code with various PGA gain
settings for Type K thermocouple output.
EQUATION 6-2:
EXPECTED NUMBER OF
OUTPUT CODE FOR TYPE
K THERMOCOUPLE
FIGURE 6-7:
Example of Pressure and Temperature Measurement.
Figure 6-7 shows an example of measuring both
pressure and temperature. The pressure is measured
by using NPP 301 (manufactured by GE NovaSensor),
and temperature is measured by a thermistor.
The pressure sensor output is 20 mV/V. This gives
100 mV of full scale output for VDD of 5V (sensor
excitation voltage). Equation 6-3 shows an example of
calculating the number of output code for the full scale
output of the NPP301.
log
2
50 mV
15.625
μV
PGA
------------------------
------------------------
⎝⎠
⎜⎟
⎜⎟
⎛⎞
= 11.6 bits for PGA = 1
= 12.6 bits for PGA = 2
= 13.6 bits for PGA = 4
= 14.6 bits for PGA = 8
Expected
Number of Output Code =
Where:
1 LSB
=
15.625 µV with 18 Bit configuration.
5k
Ω
VDD
4
5
6
9
CH2-
VSS
CH3+
Adr1
Adr0
3
12
CH2+
CH3-
2
13
CH1-
CH4+
1
14
CH1+
CH4-
7
8
SDA
SCL
VDD
11
10
0.1 µF
10 µF
TO MCU
(MASTER)
5k
Ω
VDD
Thermistor
VDD
Pressure Sensor
VDD
VDD
VDD
R1
R2
Thermistor
R2
R1
R1 and R2 = Voltage Divider
V
IN
R
2
R
1
R
2
+
-------------------
V
DD
×
=
(NPP301)
Pressure Sensor
(NPP301)
VIN
VIN
MCP3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com