Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3423-E/ST Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP3423-E/ST
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3423-E/ST Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP3423-E/ST Datasheet HTML 32Page - Microchip Technology MCP3423-E/ST Datasheet HTML 33Page - Microchip Technology MCP3423-E/ST Datasheet HTML 34Page - Microchip Technology MCP3423-E/ST Datasheet HTML 35Page - Microchip Technology MCP3423-E/ST Datasheet HTML 36Page - Microchip Technology MCP3423-E/ST Datasheet HTML 37Page - Microchip Technology MCP3423-E/ST Datasheet HTML 38Page - Microchip Technology MCP3423-E/ST Datasheet HTML 39Page - Microchip Technology MCP3423-E/ST Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
MCP3422/3/4
DS22088C-page 36
© 2009 Microchip Technology Inc.
EQUATION 6-3:
EXPECTED NUMBER OF
OUTPUT CODE FOR
NPP301 PRESSURE
SENSOR
The thermistor temperature sensor can measure the
temperature range from -100°C to 300°C. The
resistance of the thermistor sensor decreases as
temperature
increases
(negative
temperature
coefficient). As shown in Figure 6-7, the thermistor (R2)
forms a voltage divider with R1.
The thermistor sensor is simple to use and widely used
for the temperature measurement applications. It has
both linear and non-linear responses over temperature
range. R1 is used to adjust the linear region of interest
for measurement.
Expected
log
2
100 mV
15.625
μV
PGA
------------------------
------------------------
⎝⎠
⎜⎟
⎜⎟
⎛⎞
= 12.64 bits for PGA = 1
= 13.64 bits for PGA = 2
= 14.64 bits for PGA = 4
= 15.64 bits for PGA = 8
Number of Output Code =
Where:
1 LSB
=
15.625 µV with 18 Bit configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com