Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3423-E/ST Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3423-E/ST
Description  18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3423-E/ST Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3423-E/ST Datasheet HTML 12Page - Microchip Technology MCP3423-E/ST Datasheet HTML 13Page - Microchip Technology MCP3423-E/ST Datasheet HTML 14Page - Microchip Technology MCP3423-E/ST Datasheet HTML 15Page - Microchip Technology MCP3423-E/ST Datasheet HTML 16Page - Microchip Technology MCP3423-E/ST Datasheet HTML 17Page - Microchip Technology MCP3423-E/ST Datasheet HTML 18Page - Microchip Technology MCP3423-E/ST Datasheet HTML 19Page - Microchip Technology MCP3423-E/ST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
MCP3422/3/4
DS22088C-page 16
© 2009 Microchip Technology Inc.
4.9.2
CONVERTING THE DEVICE
OUTPUT CODE TO INPUT SIGNAL
VOLTAGE
When the user gets the digital output codes from the
device as described in Section 4.9.1 “Digital output
code from device”, the next step is converting the
digital output codes to a measured input voltage.
Equation 4-4 shows an example of converting the
output codes to its corresponding input voltage.
If the sign indicator bit (MSB) is ‘0’, the input voltage
is obtained by multiplying the output code with the LSB
and divided by the PGA setting.
If the sign indicator bit (MSB) is ‘1’, the output code
needs to be converted to two’s complement before
multiplied by LSB and divided by the PGA setting.
Table 4-4 shows an example of converting the device
output codes to input voltage.
EQUATION 4-4:
CONVERTING OUTPUT
CODES TO INPUT
VOLTAGE
TABLE 4-4:
EXAMPLE OF CONVERTING OUTPUT CODE TO VOLTAGE (WITH 18 BIT SETTING)
If MSB = 0 (Positive Output Code):
If MSB = 1 (Negative Output Code):
Where:
LSB
=
See Table 4-1
2’s complement
=
1’s complement + 1
Input Voltage
(Output Code)
LSB
PGA
------------
•
=
Input Voltage
(2
′s complement of Output Code)
LSB
PGA
------------
•
=
Input Voltage
[CHn+ - CHn-]
• PGA]
Digital Output Code
MSB
Example of Converting Output Codes to Input Voltage
≥ V
REF
011111111111111111
0
(2
16+215+214+213+212+211+210+29+28+27+26+25+24+23+22+21+20)
x LSB(15.625
μV)/PGA = 2.048 (V) for PGA = 1
VREF - 1 LSB
011111111111111111
0
(2
16+215+214+213+212+211+210+29+28+27+26+25+24+23+22+21+20)
x LSB(15.625
μV)/PGA = 2.048 (V) for PGA = 1
2LSB
000000000000000010
0
(0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+2
1+0)x LSB(15.625
μV)/PGA
= 31.25
(μV) for PGA = 1
1LSB
000000000000000001
0
(0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+2
0)x LSB(15.625
μV)/PGA
= 15.625 (
μV)for PGA = 1
0
000000000000000000
0
(0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0)x LSB(15.625
μV)/PGA
= 0 V (V) for PGA = 1
-1 LSB
111111111111111111
1
-(0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+2
0)x LSB(15.625
μV)/PGA
= - 15.625 (
μV)for PGA = 1
-2 LSB
111111111111111110
1
-(0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+2
1+0)x LSB(15.625
μV)/PGA
= - 31.25 (
μV)for PGA = 1
- VREF
100000000000000000
1
-(2
17+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0) x
LSB(15.625
μV)/PGA = - 2.048 (V) for PGA = 1
≤ -V
REF
100000000000000000
1
-(2
17+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0+0) x
LSB(15.625
μV)/PGA = - 2.048 (V) for PGA = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com