Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73871 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP73871 Datasheet HTML 30Page - Microchip Technology MCP73871 Datasheet HTML 31Page - Microchip Technology MCP73871 Datasheet HTML 32Page - Microchip Technology MCP73871 Datasheet HTML 33Page - Microchip Technology MCP73871 Datasheet HTML 34Page - Microchip Technology MCP73871 Datasheet HTML 35Page - Microchip Technology MCP73871 Datasheet HTML 36Page - Microchip Technology MCP73871 Datasheet HTML 37Page - Microchip Technology MCP73871 Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22090B-page 35
MCP73871
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
* Operational Output Options
Device:
MCP73871: USB/AC Battery Charger with PPM
MCP73871T: USB/AC Battery Charger with PPM
(Tape and Reel)
Output Options * *
* Refer to table below for different operational options.
* * Consult Factory for Alternative Device Options.
Temperature:
I
=
-40
°C to +85°C
Package Type:
ML = Plastic Quad Flat No Lead (QFN)
(4x4x0.9 mm Body), 20-lead
PART NO.
XX
Output
Device
Options*
X/
Temp.
XX
Package
Examples: * *
a)
MCP73871-1AAI/ML:
4.10V PPM Battery
Charger,
20LD QFN
pkg.
b)
MCP73871-1CAI/ML:
4.10V, PPM Battery
Charger,
20LD QFN
pkg.
c)
MCP73871-1CCI/ML:
4.10V, PPM Battery
Charger,
20LD QFN
pkg.
d)
MCP73871-2AAI/ML:
4.20V, PPM Battery
Charger,
20LD QFN
pkg.
e)
MCP73871-2CAI/ML:
4.20V PPM Battery
Charger,
20LD QFN
pkg.
f)
MCP73871-2CCI/ML:
4.20V PPM Battery
Charger,
20LD QFN
pkg.
g)
MCP73871-3CAI/ML:
4.35V PPM Battery
Charger,
20LD QFN
pkg.
h)
MCP73871-3CCI/ML:
4.35V PPM Battery
Charger,
20LD QFN
pkg.
* * Consult Factory for Alternative Device Options
Output
Options
VREG
Safety Timer
Duration (Hours)
LBO Voltage
Threshold (V)
1AA
4.10V
Disable
Disabled
1CA
4.10V
6
Disabled
1CC
4.10V
6
3.1
2AA
4.20V
Disable
Disabled
2CA
4.20V
6
Disabled
2CC
4.20V
6
3.1
3CA
4.35V
6
Disabled
3CC
4.35V
6
3.1
4CA
4.40V
6
Disabled
4CC
4.40V
6
3.1
* * Consult Factory for Alternative Device Options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com