Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73871 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP73871 Datasheet HTML 12Page - Microchip Technology MCP73871 Datasheet HTML 13Page - Microchip Technology MCP73871 Datasheet HTML 14Page - Microchip Technology MCP73871 Datasheet HTML 15Page - Microchip Technology MCP73871 Datasheet HTML 16Page - Microchip Technology MCP73871 Datasheet HTML 17Page - Microchip Technology MCP73871 Datasheet HTML 18Page - Microchip Technology MCP73871 Datasheet HTML 19Page - Microchip Technology MCP73871 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
MCP73871
DS22090B-page 16
© 2009 Microchip Technology Inc.
The voltage divider equation is shown below:
The calculated R1 equals to 337.2 kΩ when 110 kΩ is
selected for R2. The 330 kΩ resistor is selected for R1
to build the voltage divider for VPCC.
FIGURE 3-1:
Voltage Divider Example.
3.4
Input Source Type Selection (SEL)
The input source type selection (SEL) pin is used to
select input power source for input current limit control
feature. With the SEL input High, the MCP73871
device is designed to provide a typical 1.65A to system
power and charge Li-Ion battery from a regular 5V wall
adapter. The MCP73871 device limits the input current
up to 1.8A. When SEL active Low, the input source is
designed to provide system power and Li-Ion battery
charging from a USB Port input while adhering to the
current limits governed by the USB specification.
3.5
Battery Management 0V Reference
(VSS)
Connect to negative terminal of battery, system load
and input supply.
3.6
Battery Charge Control Output
(VBAT)
Connect to positive terminal of Li-Ion / Li-Polymer
batteries. Bypass to VSS with a minimum of 4.7 µF to
ensure loop stability when the battery is disconnected.
3.7
Battery Voltage Sense
(VBAT_SENSE)
Connect to positive terminal of battery. A precision
internal voltage sense regulates the final voltage on
this pin to VREG.
3.8
Charge Current Regulation Set
(PROG1)
The maximum constant charge current is set by placing
a resistor from PROG1 to VSS. PROG1 sets the
maximum constant charge current for both ac-dc
adapter and USB port. However, the actual charge
current is based on input source type and system load
requirement.
3.9
USB-Port Current Regulation Set
(PROG2)
The MCP73871 device USB-Port current regulation set
input (PROG2) is a digital input selection. A logic Low
selects a 1 unit load input current from USB port
(100 mA); a logic High selects a 5 unit loads input
current from USB port (500 mA).
3.10
Charge Status Output 1 (STAT1)
STAT1 is an open-drain logic output for connection to
an LED for charge status indication. Alternatively, a
pull-up resistor can be applied for interfacing to a host
microcontroller. Refer to Table 5-1 for a summary of the
status output during a charge cycle.
3.11
Charge Status Output 2 (STAT2)
STAT2 is an open-drain logic output for connection to
an LED for charge status indication. Alternatively, a
pull-up resistor can be applied for interfacing to a host
microcontroller. Refer to Table 5-1 for a summary of the
status output during a charge cycle.
3.12
Power-Good (PG)
The power-good (PG) is an open-drain logic output for
input power supply indication. The PG output is low
whenever the input to the MCP73871 device is above
the UVLO threshold and greater than the battery
voltage. The PG output can be used as an indication to
the user via an illuminated LED or to the system via a
pull-up resistor for interfacing to a host microcontroller
that an input source other than the battery is supplying
power. Refer to Table 5-1 for a summary of the status
output during a charge cycle.
3.13
Low Battery Output (LBO)
STAT1 also serves as low battery output (LBO) if the
selected MCP73871 is equipped with this feature. It
reminds the system or end user when the Li-Ion battery
voltage level is low. The LBO feature enables when the
system is running from the Li-Ion batteries. The LBO
indicator can be used as an indication to the user via lit
up LED or to the system via a pull-up resistor for
interfacing to a host microcontroller that an input
source other than the battery is supplying power. Refer
to Table 5-1 for a summary of the status output during
a charge cycle.
V
VPCC
R
2
R
1
R
2
+
-------------------
⎝⎠
⎛⎞
V
IN
1.23V
=
×
=
1.23V
110k
Ω
110k
Ω R
1
+
------------------------------
⎝⎠
⎛⎞
5V
×
=
R
1
337.2k
Ω
=
330 k
Ω
110 k
Ω
VIN
VPCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com