Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V06 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6V06
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6V06 Datasheet HTML 3Page - Microchip Technology MCP6V06 Datasheet HTML 4Page - Microchip Technology MCP6V06 Datasheet HTML 5Page - Microchip Technology MCP6V06 Datasheet HTML 6Page - Microchip Technology MCP6V06 Datasheet HTML 7Page - Microchip Technology MCP6V06 Datasheet HTML 8Page - Microchip Technology MCP6V06 Datasheet HTML 9Page - Microchip Technology MCP6V06 Datasheet HTML 10Page - Microchip Technology MCP6V06 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22093B-page 7
MCP6V06/7/8
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL, CL = 60 pF, and CS = GND.
2.1
DC Input Precision
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage
Quadratic Temp Co.
FIGURE 2-4:
Input Offset Voltage vs.
Power Supply Voltage with VCM =VCMR_L.
FIGURE 2-5:
Input Offset Voltage vs.
Power Supply Voltage with VCM =VCMR_H.
FIGURE 2-6:
Input Offset Voltage vs.
Output Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
Input Offset Voltage (µV)
80 Samples
TA = +25°C
VDD = 1.8V and 5.5V
Soldered on PCB
0%
5%
10%
15%
20%
25%
Input Offset Voltage Drift; TC1 (nV/°C)
80 Samples
VDD = 1.8V and 5.5V
Soldered on PCB
0%
5%
10%
15%
20%
25%
30%
Input Offset Voltage's Quadratic Temp Co;
TC2 (nV/°C
2)
80 Samples
VDD = 1.8V and 5.5V
Soldered on PCB
-4
-3
-2
-1
0
1
2
3
4
0.00.5 1.01.5 2.02.5 3.0 3.5 4.04.5 5.0 5.5 6.06.5
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
VCM = VCMR_L
Representative Part
-4
-3
-2
-1
0
1
2
3
4
0.00.5 1.01.5 2.02.5 3.0 3.5 4.04.5 5.0 5.5 6.06.5
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
VCM = VCMR_H
Representative Part
-4
-3
-2
-1
0
1
2
3
4
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
VDD = 1.8V
VDD = 5.5V
Representative Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com