Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V06 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6V06
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6V06 Datasheet HTML 13Page - Microchip Technology MCP6V06 Datasheet HTML 14Page - Microchip Technology MCP6V06 Datasheet HTML 15Page - Microchip Technology MCP6V06 Datasheet HTML 16Page - Microchip Technology MCP6V06 Datasheet HTML 17Page - Microchip Technology MCP6V06 Datasheet HTML 18Page - Microchip Technology MCP6V06 Datasheet HTML 19Page - Microchip Technology MCP6V06 Datasheet HTML 20Page - Microchip Technology MCP6V06 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22093B-page 17
MCP6V06/7/8
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL, CL = 60 pF, and CS = GND.
2.6
Chip Select Response (MCP6V08 only)
FIGURE 2-51:
Chip Select Current vs.
Power Supply Voltage.
FIGURE 2-52:
Power Supply Current vs.
Chip Select Voltage with VDD =1.8V.
FIGURE 2-53:
Power Supply Current vs.
Chip Select Voltage with VDD =5.5V.
FIGURE 2-54:
Chip Select Current vs. Chip
Select Voltage.
FIGURE 2-55:
Chip Select Voltage, Output
Voltage vs. Time with VDD =1.8V.
FIGURE 2-56:
Chip Select Voltage, Output
Voltage vs. Time with VDD =5.5V.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
CS = VDD
0
50
100
150
200
250
300
350
400
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Chip Select Voltage (V)
VDD = 1.8V
G = 1
VIN = 0.9V
VL = 0V
Hysteresis
Op Amp
turns on
here
Op Amp
turns off
here
0
100
200
300
400
500
600
0.00.5 1.0 1.5 2.02.5 3.03.5 4.0 4.5 5.05.5
Chip Select Voltage (V)
VDD = 5.5V
G = 1
VIN = 2.75V
VL = 0V
Hysteresis
Op Amp
turns on
here
Op Amp
turns off
here
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Chip Select Voltage (V)
VDD = 5.5V
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Time (5 µs/div)
0
1
2
3
4
5
6
7
8
9
10
11
12
VDD = 1.8V
G = +1 V/V
VIN= VDD
RL = 10 kΩ tied to VDD/2
CS
VOUT On
VOUT Off
VOUT Off
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10 15 20 25 30 35 40 45 50
Time (5 µs/div)
0
3
6
9
12
15
18
21
24
27
30
33
36
39
VDD = 5.5V
G = +1 V/V
VIN= VDD
RL = 10 kΩ tied to VDD/2
CS
VOUT On
VOUT Off
VOUT Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com