Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1415RT Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1415RT
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415RT Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1415RT Datasheet HTML 7Page - Microchip Technology MCP1415RT Datasheet HTML 8Page - Microchip Technology MCP1415RT Datasheet HTML 9Page - Microchip Technology MCP1415RT Datasheet HTML 10Page - Microchip Technology MCP1415RT Datasheet HTML 11Page - Microchip Technology MCP1415RT Datasheet HTML 12Page - Microchip Technology MCP1415RT Datasheet HTML 13Page - Microchip Technology MCP1415RT Datasheet HTML 14Page - Microchip Technology MCP1415RT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© 2008 Microchip Technology Inc.
DS22092C-page 11
MCP1415/16
4.0
APPLICATION INFORMATION
4.1
General Information
MOSFET drivers are high-speed, high current devices
which are intended to source/sink high peak currents to
charge/discharge the gate capacitance of external
MOSFETs or IGBTs. In high frequency switching power
supplies, the PWM controller may not have the drive
capability to directly drive the power MOSFET. A
MOSFET driver like the MCP1415/16 family can be
used
to
provide
additional
source/sink
current
capability.
4.2
MOSFET Driver Timing
The ability of a MOSFET driver to transition from a fully
off state to a fully on state are characterized by the
drivers rise time (tR), fall time (tF), and propagation
delays (tD1 and tD2). The MCP1415/16 family of drivers
can typically charge and discharge a 1000 pF load
capacitance in 20 ns along with a typical turn on (tD1)
propagation delay of 41 ns. Figure 4-1 and Figure 4-2
show the test circuit and timing waveform used to verify
the MCP1415/16 timing.
FIGURE 4-1:
Inverting Driver Timing
Waveform.
FIGURE 4-2:
Non-Inverting Driver Timing
Waveform.
4.3
Decoupling Capacitors
Careful layout and decoupling capacitors are required
when using power MOSFET drivers. Large current are
required to charge and discharge capacitive loads
quickly. For example, approximately 720 mA are
needed to charge a 1000 pF load with 18V in 25 ns.
To operate the MOSFET driver over a wide frequency
range with low supply impedance, a ceramic and low
ESR film capacitor is recommended to be placed in
parallel between the driver VDD and GND. A 1.0 µF low
ESR film capacitor and a 0.1 µF ceramic capacitor
placed between pins 2 and 4 is required for reliable
operation. These capacitors should be placed close to
the driver to minimize circuit board parasitics and
provide a local source for the required current.
0.1 µF
+5V
10%
90%
10%
90%
10%
90%
18V
1µF
0V
0V
MCP1415
CL = 1000 pF
Input
Input
Output
tD1
tF
tD2
Output
tR
V
DD = 18V
Ceramic
90%
Input
tD1
tF
tD2
Output
tR
10%
10%
10%
+5V
18V
0V
0V
90%
90%
0.1 µF
1µF
MCP1416
CL = 1000 pF
Input
Output
V
DD = 18V
Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com