Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L1T Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6L1T
Description  2.8 MHz, 200 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L1T Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6L1T Datasheet HTML 2Page - Microchip Technology MCP6L1T Datasheet HTML 3Page - Microchip Technology MCP6L1T Datasheet HTML 4Page - Microchip Technology MCP6L1T Datasheet HTML 5Page - Microchip Technology MCP6L1T Datasheet HTML 6Page - Microchip Technology MCP6L1T Datasheet HTML 7Page - Microchip Technology MCP6L1T Datasheet HTML 8Page - Microchip Technology MCP6L1T Datasheet HTML 9Page - Microchip Technology MCP6L1T Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP6L1/1R/2/4
DS22135A-page 6
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +5.0V, VSS = GND, VCM =VSS, VOUT =VDD/2, VL =VDD/2,
RL =10kΩ to VL and CL = 60 pF.
FIGURE 2-7:
Measured Input Current vs.
Input Voltage (below VSS).
FIGURE 2-8:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-9:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-10:
The MCP6L1/1R/2/4 Show
No Phase Reversal.
FIGURE 2-11:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-12:
Output Short Circuit Current
vs. Power Supply Voltage.
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p
-20
0
20
40
60
80
100
120
1.E-
01
1.E+
00
1.E+
01
1.E+
02
1.E+
03
1.E+
04
1.E+
05
1.E+
06
1.E+
07
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
0.1
1
10
1k
10k 100k
10M
Phase
Gain
100
1M
10
100
1,000
1.E-01 1.E+0
0
1.E+0
1
1.E+0
2
1.E+0
3
1.E+0
4
1.E+0
5
Frequency (Hz)
0.1
10
1
100
10k
1k
100k
-1
0
1
2
3
4
5
6
0.E+00
5.E-06
1.E-05
2.E-05
2.E-05
3.E-05
Time (5 µs/div)
G = +2 V/V
VIN
VOUT
0
50
100
150
200
250
300
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
-40°C
+25°C
+85°C
+125°C
-40
-30
-20
-10
0
10
20
30
40
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
-40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com