Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L1T Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6L1T
Description  2.8 MHz, 200 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L1T Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6L1T Datasheet HTML 5Page - Microchip Technology MCP6L1T Datasheet HTML 6Page - Microchip Technology MCP6L1T Datasheet HTML 7Page - Microchip Technology MCP6L1T Datasheet HTML 8Page - Microchip Technology MCP6L1T Datasheet HTML 9Page - Microchip Technology MCP6L1T Datasheet HTML 10Page - Microchip Technology MCP6L1T Datasheet HTML 11Page - Microchip Technology MCP6L1T Datasheet HTML 12Page - Microchip Technology MCP6L1T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22135A-page 9
MCP6L1/1R/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The analog output pins (VOUT) are low-impedance
voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs (VIN+, VIN–, …)
are high-impedance CMOS inputs with low bias
currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 2.7V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP6L1
MCP6L1R
MCP6L2
MCP6L4
Symbol
Description
SOT-23-5
SOIC-8,
MSOP-8
SOT-23-5
SOIC-8,
MSOP-8
SOIC-14,
TSSOP-14
16
11
1
VOUT, VOUTA
Output (op amp A)
42
42
2
VIN–, VINA–
Inverting Input (op amp A)
33
33
3
VIN+, VINA+
Non-inverting Input (op amp A)
57
28
4
VDD
Positive Power Supply
——
—
5
5
VINB+
Non-inverting Input (op amp B)
——
—
6
6
VINB–
Inverting Input (op amp B)
——
—
7
7
VOUTB
Output (op amp B)
——
——
8
VOUTC
Output (op amp C)
——
——
9
VINC–
Inverting Input (op amp C)
——
——
10
VINC+
Non-inverting Input (op amp C)
24
54
11
VSS
Negative Power Supply
——
——
12
VIND+
Non-inverting Input (op amp D)
——
——
13
VIND–
Inverting Input (op amp D)
——
——
14
VOUTD
Output (op amp D)
—
1, 5, 8
—
—
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com