Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6564-E/MS Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6564-E/MS
Description  1.8V Low Power Push-Pull Output Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6564-E/MS Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6564-E/MS Datasheet HTML 5Page - Microchip Technology MCP6564-E/MS Datasheet HTML 6Page - Microchip Technology MCP6564-E/MS Datasheet HTML 7Page - Microchip Technology MCP6564-E/MS Datasheet HTML 8Page - Microchip Technology MCP6564-E/MS Datasheet HTML 9Page - Microchip Technology MCP6564-E/MS Datasheet HTML 10Page - Microchip Technology MCP6564-E/MS Datasheet HTML 11Page - Microchip Technology MCP6564-E/MS Datasheet HTML 12Page - Microchip Technology MCP6564-E/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22139B-page 9
MCP6561/1R/1U/2/4
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 10 kΩ to VDD/2, and CL = 25 pF.
FIGURE 2-25:
Propagation Delay Skew.
FIGURE 2-26:
Propagation Delay vs.
Supply Voltage.
FIGURE 2-27:
Propagation Delay vs.
Common-mode Input Voltage.
FIGURE 2-28:
Propagation Delay vs.
Temperature.
FIGURE 2-29:
Propagation Delay vs. Input
Over-Drive.
FIGURE 2-30:
Propagation Delay vs.
Common-mode Input Voltage.
0%
10%
20%
30%
40%
50%
-20
-15
-10
-5
0
5
10
15
20
Prop. Delay Skew (ns)
VDD= 1.8V
Avg. = -7.3 ns
StDev= 0.8 ns
198 units
VDD= 5.5V
Avg. = 11.6 ns
StDev= 2 ns
198 units
100 mV Over-Drive
VCM = VDD/2
20
40
60
80
100
120
140
1.52.5
3.54.5
5.5
V
DD (V)
tPHL , 10 mV Over-Drive
tPLH , 10 mV Over-Drive
tPHL , 100 mV Over-Drive
tPLH , 100 mV Over-Drive
VCM = VDD/2
20
30
40
50
60
70
80
0.00
0.50
1.00
1.50
2.00
V
CM (V)
tPLH
tPHL
VDD= 1.8V
100 mV Over-Drive
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Temperature (°C)
tPHL
tPLH , VDD = 1.8V
tPHL , VDD = 1.8V
100 mV Over-Drive
VCM = VDD/2
tPLH , VDD = 5.5V
tPHL , VDD = 5.5V
10
60
110
160
210
260
1
10
100
1000
Over-Drive (mV)
tPLH , VDD = 1.8V
tPHL , VDD = 1.8V
tPLH , VDD = 5.5V
tPHL , VDD = 5.5V
VCM = VDD/2
20
30
40
50
60
70
80
0.0
1.0
2.0
3.0
4.0
5.0
6.0
V
CM (V)
tPLH
tPHL
VDD= 5.5V
100 mV Over-Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com