Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6564-E/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6564-E/MS
Description  1.8V Low Power Push-Pull Output Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6564-E/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP6564-E/MS Datasheet HTML 1Page - Microchip Technology MCP6564-E/MS Datasheet HTML 2Page - Microchip Technology MCP6564-E/MS Datasheet HTML 3Page - Microchip Technology MCP6564-E/MS Datasheet HTML 4Page - Microchip Technology MCP6564-E/MS Datasheet HTML 5Page - Microchip Technology MCP6564-E/MS Datasheet HTML 6Page - Microchip Technology MCP6564-E/MS Datasheet HTML 7Page - Microchip Technology MCP6564-E/MS Datasheet HTML 8Page - Microchip Technology MCP6564-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22139B-page 1
MCP6561/1R/1U/2/4
Features
• Propagation Delay at 1.8VDD:
- 56 ns (typical) High to Low
- 49 ns (typical) Low to High
• Low Quiescent Current: 100 µA (typical)
• Input Offset Voltage: ±3 mV (typical)
• Rail-to-Rail Input: VSS - 0.3V to VDD + 0.3V
• CMOS/TTL Compatible Output
• Wide Supply Voltage Range: 1.8V to 5.5V
• Available in Single, Dual, and Quad
• Packages: SC70-5, SOT-23-5, SOIC, MSOP,
TSSOP
Typical Applications
• Laptop computers
• Mobile Phones
• Hand-held Electronics
• RC Timers
• Alarm and Monitoring Circuits
• Window Comparators
• Multi-vibrators
Design Aids
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Devices
• Open-Drain Output: MCP6566/6R/6U/7/9
Typical Application
Description
The Microchip Technology, Inc. MCP6561/1R/1U/2/4
families of CMOS/TTL compatible comparators are
offered in single, dual, and quad configurations.
These comparators are optimized for low power 1.8V,
single-supply applications with greater than rail-to-rail
input operation. The internal input hysteresis eliminates
output switching due to internal input noise voltage,
reducing current draw. The push-pull output of the
MCP6561/1R/1U/2/4 family supports rail-to-rail output
swing, and interfaces with CMOS/TTL logic. The output
toggle frequency can reach a typical of 4 MHz (typical)
while limiting supply current surges and dynamic power
consumption during switching.
This family operates with single supply voltage of 1.8V
to 5.5V while drawing less than 100 µA/comparator of
quiescent current (typical).
Package Types
VIN
VOUT
VDD
R2
RF
R3
VDD
MCP656X
MCP6562
+INA
-INA
VSS
1
2
3
4
8
7
6
5
-
OUTA
+
-
+
VDD
OUTB
-INB
+INB
MCP6564
+INA
-INA
VSS
1
2
3
4
14
13
12
11
-
OUTA
+ -
+
VDD
OUTD
-IND
+IND
10
9
8
5
6
7
OUTB
-INB
+INB
+INC
-INC
OUTC
+
-
-
+
5
4
MCP6561
1
2
3
5
4
MCP6561R
1
2
3
+IN
VSS
OUT
-IN
VDD
+IN
VDD
OUT
-IN
VSS
SOT-23-5, SC70-5
SOIC, MSOP
SOT-23-5
SOIC, TSSOP
4
1
2
3
5
SOT-23-5
VSS
VIN+
VIN–
VDD
OUT
MCP6561U
1.8V Low Power Push-Pull Output Comparator


Similar Part No. - MCP6564-E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6564 MICROCHIP-MCP6564 Datasheet
1Mb / 46P
1.8V Low-Power Push-Pull Output Comparator
2009-2013
More results

Similar Description - MCP6564-E/MS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
1.8V Low-Power Push-Pull Output Comparator
2009-2013
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
Nano Power, Push/Pull Output Comparator
July 12, 2012
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com