Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6074-E/ST Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6074-E/ST
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6074-E/ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6074-E/ST Datasheet HTML 4Page - Microchip Technology MCP6074-E/ST Datasheet HTML 5Page - Microchip Technology MCP6074-E/ST Datasheet HTML 6Page - Microchip Technology MCP6074-E/ST Datasheet HTML 7Page - Microchip Technology MCP6074-E/ST Datasheet HTML 8Page - Microchip Technology MCP6074-E/ST Datasheet HTML 9Page - Microchip Technology MCP6074-E/ST Datasheet HTML 10Page - Microchip Technology MCP6074-E/ST Datasheet HTML 11Page - Microchip Technology MCP6074-E/ST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP6071/2/4
DS22142A-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF.
FIGURE 2-7:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-8:
Input Offset Voltage vs.
Power Supply Voltage.
FIGURE 2-9:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-10:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-11:
CMRR, PSRR vs.
Frequency.
FIGURE 2-12:
CMRR, PSRR vs. Ambient
Temperature.
-350
-250
-150
-50
50
150
250
350
Output Voltage (V)
VDD = 6.0V
VDD = 1.8V
VDD = 3.0V
Representative Part
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Power Supply Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
Representative Part
10
100
1,000
1.E-1
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
Frequency (Hz)
0.1
1
10
100
1k
10k
100k
0
5
10
15
20
25
30
35
40
Common Mode Input Voltage (V)
f = 10 kHz
VDD = 6.0V
20
30
40
50
60
70
80
90
100
110
10
100
1000
10000
100000
1000000
Frequency (Hz)
Representative Part
CMRR
PSRR+
PSRR-
10
100
1k
10k
100k
1M
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR (VDD = 1.8V to 6.0V, VCM = VSS)
CMRR (VDD = 6.0V, VCM = -0.3V to 6.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com