Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6074-E/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6074-E/ST
Description  110 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6074-E/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6074-E/ST Datasheet HTML 5Page - Microchip Technology MCP6074-E/ST Datasheet HTML 6Page - Microchip Technology MCP6074-E/ST Datasheet HTML 7Page - Microchip Technology MCP6074-E/ST Datasheet HTML 8Page - Microchip Technology MCP6074-E/ST Datasheet HTML 9Page - Microchip Technology MCP6074-E/ST Datasheet HTML 10Page - Microchip Technology MCP6074-E/ST Datasheet HTML 11Page - Microchip Technology MCP6074-E/ST Datasheet HTML 12Page - Microchip Technology MCP6074-E/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22142A-page 9
MCP6071/2/4
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF.
FIGURE 2-13:
Common Mode Input
Voltage Range Limit vs. Ambient Temperature.
FIGURE 2-14:
Input Bias, Offset Currents
vs. Ambient Temperature.
FIGURE 2-15:
Input Bias Current vs.
Common Mode Input Voltage.
FIGURE 2-16:
Quiescent Current vs
Ambient Temperature with VCM = 0.9VDD.
FIGURE 2-17:
Quiescent Current vs.
Power Supply Voltage with VCM = 0.9VDD.
FIGURE 2-18:
Open-Loop Gain, Phase vs.
Frequency.
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VOL - VSS @ VDD = 1.8V
VOL - VSS @ VDD = 3.0V
VOL - VSS @ VDD = 6.0V
VDD - VOH @ VDD = 6.0V
@ VDD = 3.0V
@ VDD = 1.8V
1
10
100
1000
10000
25
45
65
85
105
125
Ambient Temperature (°C)
VDD = 6.0V
VCM = VDD
Input Bias Current
Input Offset Current
1
10
100
1000
10000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Common Mode Input Votlage (V)
VDD = 6.0V
TA = +125°C
TA = +85°C
60
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 6.0V
VCM = 0.9VDD
VDD = 1.8V
VCM = 0.9VDD
0
20
40
60
80
100
120
140
160
180
Power Supply Voltage (V)
VDD = 6.0V
VCM = 0.9VDD
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-20
0
20
40
60
80
100
120
1.E-01 1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Open-Loop Gain
Open-Loop Phase
VDD = 6.0V
0.1
1
10
100 1k 10k 100k 1M 10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com