Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4152T-104I/MF Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP4152T-104I/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-104I/MF Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP4152T-104I/MF Datasheet HTML 33Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 34Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 35Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 36Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 37Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 38Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 39Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 40Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 37
MCP413X/415X/423X/425X
5.0
RESISTOR NETWORK
The Resistor Network has either 7-bit or 8-bit
resolution. Each Resistor Network allows zero scale to
full-scale connections. Figure 5-1 shows a block
diagram for the resistive network of a device.
The Resistor Network is made up of several parts.
These include:
• Resistor Ladder
•Wiper
• Shutdown (Terminal Connections)
Devices have either one or two resistor networks,
These are referred to as Pot 0 and Pot 1.
FIGURE 5-1:
Resistor Block Diagram.
5.1
Resistor Ladder Module
The resistor ladder is a series of equal value resistors
(RS) with a connection point (tap) between the two
resistors. The total number of resistors in the series
(ladder)
determines
the
RAB resistance (see
Figure 5-1). The end points of the resistor ladder are
connected to analog switches which are connected to
the device Terminal A and Terminal B pins. The RAB
(and RS) resistance has small variations over voltage
and temperature.
For an 8-bit device, there are 256 resistors in a string
between terminal A and terminal B. The wiper can be
set to tap onto any of these 256 resistors thus providing
257 possible settings (including terminal A and
terminal B).
For a 7-bit device, there are 128 resistors in a string
between terminal A and terminal B. The wiper can be
set to tap onto any of these 128 resistors thus providing
129 possible settings (including terminal A and
terminal B).
Equation 5-1 shows the calculation for the step
resistance.
EQUATION 5-1:
RS CALCULATION
RS
A
RS
RS
RS
B
257
256
255
1
0
RW (1)
W
(01h)
Analog Mux
RW (1)
(00h)
RW (1)
(FEh)
RW (1)
(FFh)
RW (1)
(100h)
Note 1: The wiper resistance is dependent on
several factors including, wiper code,
device VDD, Terminal voltages (on A, B,
and W), and temperature.
Also for the same conditions, each tap
selection resistance has a small variation.
This RW variation has greater effects on
some specifications (such as INL) for the
smaller
resistance
devices
(5.0 kΩ)
compared to larger resistance devices
(100.0 kΩ).
RAB
8-Bit
N =
128
127
126
1
0
(01h)
(00h)
(7Eh)
(7Fh)
(80h)
7-Bit
N =
R
S
R
AB
256
()
-------------
=
R
S
R
AB
128
()
--------------
=
8-bit Device
7-bit Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com