Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4152T-104I/MF Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP4152T-104I/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-104I/MF Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP4152T-104I/MF Datasheet HTML 56Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 57Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 58Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 59Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 60Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 61Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 62Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 63Page - Microchip Technology MCP4152T-104I/MF Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 60
© 2008 Microchip Technology Inc.
8.2
Techniques to force the CS pin to
VIHH
The circuit in Figure 8-3 shows a method using the
TC1240A doubling charge pump. When the SHDN pin
is high, the TC1240A is off, and the level on the CS pin
is controlled by the PIC® microcontrollers (MCUs) IO2
pin.
When the SHDN pin is low, the TC1240A is on and the
VOUT voltage is 2 * VDD. The resistor R1 allows the CS
pin to go higher than the voltage such that the PIC
MCU’s IO2 pin “clamps” at approximately VDD.
FIGURE 8-3:
Using the TC1240A to
generate the VIHH voltage.
The circuit in Figure 8-4 shows the method used on the
MCP402X Non-volatile Digital Potentiometer Evalua-
tion Board (Part Number: MCP402XEV). This method
requires that the system voltage be approximately 5V.
This ensures that when the PIC10F206 enters a
brown-out condition, there is an insufficient voltage
level on the CS pin to change the stored value of the
wiper.
The
MCP402X
Non-volatile
Digital
Potentiometer
Evaluation
Board
User’s
Guide
(DS51546) contains a complete schematic.
GP0 is a general purpose I/O pin, while GP2 can either
be a general purpose I/O pin or it can output the internal
clock.
For the serial commands, configure the GP2 pin as an
input (high-impedance). The output state of the GP0
pin will determine the voltage on the CS pin (VIL or VIH).
For high-voltage serial commands, force the GP0
output pin to output a high level (VOH) and configure the
GP2 pin to output the internal clock. This will form a
charge pump and increase the voltage on the CS pin
(when the system voltage is approximately 5V).
FIGURE 8-4:
MCP4XXX Non-Volatile
Digital Potentiometer Evaluation Board
(MCP402XEV) implementation to generate the
VIHH voltage.
8.3
Using Shutdown Modes
Figure 8-5 shows a possible application circuit where
the
independent
terminals
could
be
used.
Disconnecting the wiper allows the transistor input to
be taken to the Bias voltage level (disconnecting A and
or B may be desired to reduce system current).
Disconnecting Terminal A modifies the transistor input
by the RBW rheostat value to the Common B.
Disconnecting Terminal B modifies the transistor input
by the RAW rheostat value to the Common A. The
Common A and Common B connections could be
connected to VDD and VSS.
FIGURE 8-5:
Example Application Circuit
using Terminal Disconnects.
CS
PIC MCU
MCP402X
R1
IO1
IO2
C2
TC1240A
VIN
SHDN
C+
C-
VOUT
C1
CS
PIC10F206
MCP4XXX
R1
GP0
GP2
C2
C1
Balance
Bias
W
B
Input
Input
To base
of Transistor
(or Amplifier)
A
Common B
Common A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com