Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4162T-502E/MF Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP4162T-502E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162T-502E/MF Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP4162T-502E/MF Datasheet HTML 44Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 45Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 46Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 47Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 48Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 49Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 50Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 51Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
MCP414X/416X/424X/426X
DS22059B-page 48
© 2008 Microchip Technology Inc.
7.4
Continuous Commands
The device supports the ability to execute commands
continuously. While the CS pin is in the active state (VIL
or VIHH). Any sequence of valid commands may be
received.
The following example is a valid sequence of events:
1.
CS pin driven active (VIL or VIHH).
2.
Read Command.
3.
Increment Command (Wiper 0).
4.
Increment Command (Wiper 0).
5.
Decrement Command (Wiper 1).
6.
Write Command (Volatile memory).
7.
Write Command (Non-Volatile memory).
8.
CS pin driven inactive (VIH).
TABLE 7-3:
COMMANDS
Note 1:
It is recommended that while the CS pin is
active, only one type of command should
be issued. When changing commands, it
is recommended to take the CS pin
inactive then force it back to the active
state.
2:
It is also recommended that long
command strings should be broken down
into shorter command strings. This
reduces the probability of noise on the
SCK pin corrupting the desired SPI
command string.
Command Name
# of
Bits
Writes
Value in
EEPROM
Operates on
Volatile/
Non-Volatile
memory
High
Voltage
(VIHH) on
CS pin?
Impact on
WiperLock or
Write Protect
Works
when
Wiper is
“locked”?
Write Data
16-Bits
Yes (1)
Both
—
unlocked (1)
No
Read Data
16-Bits
—
Both
—
unlocked (1)
No
Increment Wiper
8-Bits
—
Volatile Only
—
unlocked (1)
No
Decrement Wiper
8-Bits
—
Volatile Only
—
unlocked (1)
No
High Voltage Write Data
16-Bits
Yes
Both
Yes
unchanged
No
High Voltage Read Data
16-Bits
—
Both
Yes
unchanged
Yes
High Voltage Increment Wiper
8-Bits
—
Volatile Only
Yes
unchanged
No
High Voltage Decrement Wiper
8-Bits
—
Volatile Only
Yes
unchanged
No
Modify Write Protect or Wiper-
Lock Technology (High Voltage)
-
Enable
8-Bits
— (2)
Non-Volatile
Only (2)
Yes
locked/
protected (2)
Yes
Modify Write Protect or Wiper-
Lock Technology (High Voltage)
-
Disable
8-Bits
— (3)
Non-Volatile
Only (3)
Yes
unlocked/
unprotected (3)
Yes
Note 1:
This command will only complete if wiper is “unlocked” (WiperLock Technology is Disabled).
2:
If the command is executed using address 02h or 03h, then that corresponding wiper is locked or
if with address 0Fh, then Write Protect is enabled.
3:
If the command is executed using with address 02h or 03h, then that corresponding wiper is unlocked or
if with address 0Fh, then Write Protect is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com