Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4162T-502E/MF Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP4162T-502E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4162T-502E/MF Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP4162T-502E/MF Datasheet HTML 47Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 48Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 49Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 50Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 51Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 52Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 53Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 54Page - Microchip Technology MCP4162T-502E/MF Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 51
MCP414X/416X/424X/426X
7.6
Read Data
Normal and High Voltage
The Read command is a 16-bit command. The Read
Command can be issued to both the Volatile and
Non-Volatile memory locations. The format of the
command is shown in Figure 7-4.
The first 6-bits of the Read command determine the
address and the command. The 7th clock will output
the CMDERR bit on the SDO pin. The remaining
9-clocks the device will transmit the 9 data bits (D8:D0)
of the specified address (AD3:AD0).
Figure 7-4 shows the SDI and SDO information for a
Read command.
During a write cycle (Write or High Voltage Write to a
Non-Volatile memory location) the Read command can
only read the Volatile memory locations. By reading the
Status Register (04h), the Host Controller can
determine when the write cycle has completed (via the
state of the EEWA bit).
7.6.1
SINGLE READ
The read operation requires that the CS pin be in the
active state (VILor VIHH). Typically, the CS pin will be in
the inactive state (VIH) and is driven to the active state
(VILor VIHH). The 16-bit Read Command (Command
Byte and Data Byte) is then clocked in on the SCK and
SDI pins. The SDO pin starts driving data on the 7th bit
(CMDERR bit) and the addressed data comes out on
the 8th through 16th clocks. Figure 6-3 through
Figure 6-6 show possible waveforms for a single read.
Figure 6-5 and Figure 6-6 show the single read
waveforms when the SDI and SDO signals are
multiplexed on the same pin. For additional information
on the multiplexing of these signals, refer to
Section 6.1.3 “SDI/SDO”
.
FIGURE 7-4:
Read Command - SDI and SDO States.
A
D
3
A
D
2
A
D
1
A
D
0
1
1
XXXXXXXXXX
1111111
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Valid Address/Command combination
1111110000000000 Attempted Non-Volatile Memory Read
during Non-Volatile Memory Write Cycle
COMMAND BYTE
DATA BYTE
SDI
SDO
READ DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com