Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C101 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C101
Description  Piezoelectric Horn Driver and LED Driver Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C101 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C101 Datasheet HTML 1Page - Microchip Technology RE46C101 Datasheet HTML 2Page - Microchip Technology RE46C101 Datasheet HTML 3Page - Microchip Technology RE46C101 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R&E International
A Subsidiary of Microchip Technology Inc.
RE46C101
Piezoelectric Horn Driver and LED Driver Circuit
Product Specification
General Description
This product is intended for applications using a self
oscillating piezoelectric horn although it can be used
in direct drive applications. Feedback control and a
driver circuit are provided as well as a horn enable
function. The design also provides an open drain N-
channel driver suitable for use with a light emitting
diode.
Applications
Smoke detectors
© 2009 Microchip Technology Inc.
DS22163A-page 1
CO Detectors
Personal Security Products
Electronic Toys
Features
•
Low Quiescent Current (<100na)
•
Low Driver Ron - 20
Ω typical at 9V
•
Wide Operating Voltage Range
•
8 Pin DIP and SO Packages
•
Available in Standard Packaging or RoHS
Compliant Pb Free Packaging
Pin Configuration
8
1
HRNEN
LED
7
2
HORNS
VDD
6
5
3
HORNB
LEDEN
VSS
4
FEED
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Supply Voltage
VDD
18
V
Input Voltage Range Except FEED
Vin
-.3 to Vdd +.3
V
FEED Input Voltage Range
Vinfd
-10 to +22
V
Input Current except FEED
Iin
10
mA
Operating Temperature
TA
0 to 50
°C
Storage Temperature
TSTG
-55 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only and operation at these conditions for extended periods may affect device reliability.
This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be
used when handling this product. Damage can occur when exposed to extremely high static electrical charge.


Similar Part No. - RE46C101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
Piezoelectric Horn Driver and LED Driver Circuit
More results

Similar Description - RE46C101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
Piezoelectric Horn Driver and LED Driver Circuit
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C117 MICROCHIP-RE46C117 Datasheet
214Kb / 6P
DC to DC Converter and Piezoelectric Horn Driver
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
Piezoelectric Horn Driver and Voltage Converter
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
Piezoelectric Horn Driver Circuit
2009
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C100 MICROCHIP-RE46C100_14 Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com