Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4728 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 23Page - Microchip Technology MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology MCP4728 Datasheet HTML 26Page - Microchip Technology MCP4728 Datasheet HTML 27Page - Microchip Technology MCP4728 Datasheet HTML 28Page - Microchip Technology MCP4728 Datasheet HTML 29Page - Microchip Technology MCP4728 Datasheet HTML 30Page - Microchip Technology MCP4728 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 27
MCP4728
4.9
Analog Output Vs. DAC Input
Code
Table 4-6 shows an example of the DAC input data
code vs. analog output. The MSB of the input data is
always transmitted first and the format is unipolar
binary.
TABLE 4-5:
LDAC AND UDAC
CONDITIONS VS. OUTPUT
UPDATE
LDAC Pin UDAC Bit
DAC Output (VOUT)
00
Update all DAC channel
outputs.
01
Update all DAC channel
outputs.
10
Update a selected DAC
channel output.
11
No update
TABLE 4-6:
DAC INPUT CODE VS. ANALOG OUTPUT (VOUT)
DAC Input Code
VREF = Internal (2.048 V)
VREF = VDD
Gain
Selection
Nominal Output Voltage (V)
(See Note 1)
Gain
Selection
Nominal Output Voltage (V)
111111111111
x1
VREF - 1 LSB
Ignored
VDD - 1 LSB
x2
2*VREF - 1 LSB
111111111110
x1
VREF - 2 LSB
VDD - 2 LSB
x2
2*VREF - 2 LSB
000000000010
x1
2 LSB
2 LSB
x2
2 LSB
000000000001
x1
1 LSB
1 LSB
x2
1 LSB
000000000000
x1
0
0
x2
0
Note 1: (a) LSB with gain of 1 = 0.5 mV, and (b) LSB with gain of 2 = 1 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com