Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4728 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 52Page - Microchip Technology MCP4728 Datasheet HTML 53Page - Microchip Technology MCP4728 Datasheet HTML 54Page - Microchip Technology MCP4728 Datasheet HTML 55Page - Microchip Technology MCP4728 Datasheet HTML 56Page - Microchip Technology MCP4728 Datasheet HTML 57Page - Microchip Technology MCP4728 Datasheet HTML 58Page - Microchip Technology MCP4728 Datasheet HTML 59Page - Microchip Technology MCP4728 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
MCP4728
DS22187C-page 56
© 2009 Microchip Technology Inc.
FIGURE 7-5:
Example of Writing Fast Write Command for Various VOUT. VREF = VDD for all
Channels.
1st Byte
2nd Byte
DAC A
Start
3rd Byte
Stop
S 1 1 0 0A2 A1 A00 A 011 A2 A1 A0 01 A 0 1 1 A2 A1 A0 1 0 A
. . . . . . .
P
Address Byte
Write Command
Fast Mode
Next DAC Channels
V
OUT
V
REF
D
n
×
()
4096
---------------------------------- G
x
=
V
OUT
A
V
DD
4095
×
()
4096
------------------------------------V
DD
4096
1
–
4096
---------------------
⎝⎠
⎛⎞
V
DD
1
1
4096
------------
–
⎝⎠
⎛⎞
V
DD
LSB
–
=
=
=
=
Dn for Channel A = 0FFF (hex) = 4095 (decimal)
(A) Channel A Output:
(B) Channel B Output:
Dn for Channel B = 07FF (hex) = 2047 (decimal)
V
OUT
B
V
DD
2047
×
()
4096
------------------------------------V
DD
2048
1
–
4096
---------------------
⎝⎠
⎛⎞
V
DD
2
-------------1
2
4096
------------
–
⎝⎠
⎛⎞
V
DD
2
-------------LSB
–
=
=
=
=
(C) Channel C Output:
Dn for Channel C = 03FF (hex) = 1023 (decimal)
V
OUT
C
V
DD
1023
×
4096
----------------------------------
V
DD
1024
1
–
4096
---------------------
⎝⎠
⎛⎞
V
DD
4
-------------1
4
4096
------------
–
⎝⎠
⎛⎞
V
DD
4
-------------LSB
–
=
=
=
=
(D) Channel D Output:
Dn for Channel D = 01FF (hex) = 511 (decimal)
V
OUT
D
V
DD
511
×
4096
-------------------------------
V
DD
512
1
–
4096
------------------
⎝⎠
⎛⎞
V
DD
8
-------------1
8
4096
------------
–
⎝⎠
⎛⎞
V
DD
8
-------------LSB
–
=
=
=
=
DAC A Input Code = 001111-11111111
DAC B Input Code = 000111-11111111
DAC C Input Code = 000011-11111111
DAC D Input Code = 000001-11111111
The following example shows the expected analog outputs with the corresponding DAC input codes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com