Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3901A2-I/SS Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP3901A2-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2-I/SS Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP3901A2-I/SS Datasheet HTML 40Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 41Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 42Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 43Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 44Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 45Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 46Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 47Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
MCP3901
DS22192A-page 44
© 2009 Microchip Technology Inc.
7.3
PHASE Register
The PHASE register (PHASE<7:0>) is a 7 bits + sign
MSB first two's complement register that indicates how
much phase delay there should be between Channel 0
and Channel 1.
The reference channel for the delay is channel 1
(typically the voltage channel when used in energy
metering applications), i.e. when PHASE register code
is positive, Channel 0 is lagging channel 1.
When PHASE register code is negative, Channel 0 is
leading versus Channel 1.
The delay is give by the following formula:
EQUATION 7-1:
7.3.1
PHASE RESOLUTION FROM OSR
The timing resolution of the phase delay is 1/DMCLK or
1 µs in the default configuration (MCLK=4 MHz). The
PHASE register coding depends on the OSR setting:
• OSR=256: the delay can go from -128 to +127.
PHASE<7> is the sign bit. Phase<6> is the MSB
and PHASE<0> the LSB.
• OSR=128: the delay can go from -64 to +63.
PHASE<6> is the sign bit. Phase<5> is the MSB
and PHASE<0> the LSB.
• OSR=64: the delay can go from -32 to +31.
PHASE<5> is the sign bit. Phase<4> is the MSB
and PHASE<0> the LSB.
• OSR=32: the delay can go from -16 to +15.
PHASE<4> is the sign bit. Phase<3> is the MSB
and PHASE<0> the LSB.
Delay
Phase Register Code
DMCLK
--------------------------------------------------
=
REGISTER 7-3:
PHASE REGISTER (PHASE): ADDRESS 0X07
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PHASE<7>
PHASE<6>
PHASE<5>
PHASE<4>
PHASE<3>
PHASE<2>
PHASE<1>
PHASE<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7:0
CH0 relative to CH1 phase delay
Delay = PHASE Register two’s complement code / DMCLK (Default PHASE=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com