Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3901A2-I/SS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3901A2-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2-I/SS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3901A2-I/SS Datasheet HTML 7Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 8Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 9Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 10Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 11Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 12Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 13Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 14Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 11
MCP3901
Note: Unless otherwise indicated, AVDD = 5.0V, DVDD = 5.0 V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 64; GAIN = 1; Dithering OFF; VIN = -0.5dBFS @ 60 Hz.
FIGURE 2-13:
Signal-to-Noise and
Distortion vs. Gain (Dithering On).
FIGURE 2-14:
Total Harmonic Distortion
vs. Oversampling Ratio.
FIGURE 2-15:
Total Harmonic Distortion
vs. Input Signal Frequency.
FIGURE 2-16:
Total Harmonic Distortion
Histogram (Dithering On).
FIGURE 2-17:
Total Harmonic Distortion
vs. Temperature.
FIGURE 2-18:
Signal-to-Noise and
Distortion vs. Input Frequency.
40
45
50
55
60
65
70
75
80
85
90
95
12
48
16
32
Gain (V/V)
OSR = 256
OSR = 32
OSR = 64
OSR = 128
-120
-100
-80
-60
-40
-20
0
32
64
128
256
Oversampling Ratio (OSR)
Dithering ON
Dithering OFF
-80
-60
-40
-20
0
20
40
60
80
100
10
100
1000
10000
Input Signal Frequency (Hz)
fD = 15.625 ksps
SINC filter notch at 15.625 Hz
0
2
4
6
8
10
12
14
-105.0 -104.5 -104.0 -103.5 -103.0 -102.5 -102.0
Total Harmonic Distortion (dBc)
fIN = 60 Hz
MCLK = 4 MHz
OSR = 256
Dithering On
-120
-100
-80
-60
-40
-20
0
-50
-25
0
25
50
75
100
125
150
Temperature (ºC)
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000
Input Signal Frequency (Hz)
fD = 15.625 ksps
SINC filter notch at 15.625 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com