Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4232-103E/P Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP4232-103E/P
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4232-103E/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP4232-103E/P Datasheet HTML 25Page - Microchip Technology MCP4232-103E/P Datasheet HTML 26Page - Microchip Technology MCP4232-103E/P Datasheet HTML 27Page - Microchip Technology MCP4232-103E/P Datasheet HTML 28Page - Microchip Technology MCP4232-103E/P Datasheet HTML 29Page - Microchip Technology MCP4232-103E/P Datasheet HTML 30Page - Microchip Technology MCP4232-103E/P Datasheet HTML 31Page - Microchip Technology MCP4232-103E/P Datasheet HTML 32Page - Microchip Technology MCP4232-103E/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 29
MCP413X/415X/423X/425X
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-58:
VIH (SDI, SCK, CS, and
SHDN) vs. VDD and Temperature.
FIGURE 2-59:
VIL (SDI, SCK, CS, and
SHDN) vs. VDD and Temperature.
FIGURE 2-60:
IOH (SDO) vs. VDD and
Temperature.
FIGURE 2-61:
IOL (SDO) vs. VDD and
Temperature.
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V
0
5
10
15
20
25
30
35
40
45
50
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com