Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4232-103E/P Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP4232-103E/P
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4232-103E/P Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP4232-103E/P Datasheet HTML 27Page - Microchip Technology MCP4232-103E/P Datasheet HTML 28Page - Microchip Technology MCP4232-103E/P Datasheet HTML 29Page - Microchip Technology MCP4232-103E/P Datasheet HTML 30Page - Microchip Technology MCP4232-103E/P Datasheet HTML 31Page - Microchip Technology MCP4232-103E/P Datasheet HTML 32Page - Microchip Technology MCP4232-103E/P Datasheet HTML 33Page - Microchip Technology MCP4232-103E/P Datasheet HTML 34Page - Microchip Technology MCP4232-103E/P Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 31
MCP413X/415X/423X/425X
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follows.
TABLE 3-1:
PINOUT DESCRIPTION FOR THE MCP413X/415X/423X/425X
Pin
Weak
Pull-up/
down (2)
Standard Function
Single
Dual
Symbol
I/O
Buffer
Type
Rheo Pot (1) Rheo
Pot
8L
8L
10L
14L
16L
1
111
16
CS
I
HV w/ST
“smart” SPI Chip Select Input
2
2
2
2
1
SCK
I
HV w/ST
“smart” SPI Clock Input
3
—
3
3
2
SDI
I
HV w/ST
“smart” SPI Serial Data Input
—
3
—
—
—
SDI/SDO
I/O
HV w/ST
“smart” SPI Serial Data Input/Output
(Note 1, Note 3)
4
444
3, 4
VSS
—
P
—
Ground
—
—
5
5
5
P1B
A
Analog
No
Potentiometer 1 Terminal B
—
—
6
6
6
P1W
A
Analog
No
Potentiometer 1 Wiper Terminal
—
—
—
7
7
P1A
A
Analog
No
Potentiometer 1 Terminal A
—
5
—
8
8
P0A
A
Analog
No
Potentiometer 0 Terminal A
5
6
7
9
9
P0W
A
Analog
No
Potentiometer 0 Wiper Terminal
6
7
8
10
10
P0B
A
Analog
No
Potentiometer 0 Terminal B
—
—
—
12
13
SHDN
I
HV w/ST
“smart” Hardware Shutdown
7
—
9
13
14
SDO
O
O
No
SPI Serial Data Out
8
8
10
14
15
VDD
—
P
—
Positive Power Supply Input
—
—
—
11
11,12 NC
—
—
—
No Connection
9
9
11
—
17
EP
—
—
—
Exposed Pad (Note 4)
Legend:
HV w/ST = High Voltage tolerant input (with Schmidtt trigger input)
A = Analog pins (Potentiometer terminals)
I = digital input (high Z)
O = digital output
I/O = Input / Output
P = Power
Note 1: The 8-lead Single Potentiometer devices are pin limited so the SDO pin is multiplexed with the SDI pin
(SDI/SDO pin). After the Address/Command (first 6-bits) are received, If a valid Read command has been
requested, the SDO pin starts driving the requested read data onto the SDI/SDO pin.
2: The pin’s “smart” pull-up shuts off while the pin is forced low. This is done to reduce the standby and
shutdown current.
3: The SDO is an open drain output, which uses the internal “smart” pull-up. The SDI input data rate can be
at the maximum SPI frequency. the SDO output data rate will be limited by the “speed” of the pull-up,
customers can increase the rate with external pull-up resistors.
4: The DFN and QFN packages have a contact on the bottom of the package. This contact is conductively
connected to the die substrate, and therefore should be unconnected or connected to the same ground as
the device’s VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com