Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4261-503E/MS Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP4261-503E/MS
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4261-503E/MS Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP4261-503E/MS Datasheet HTML 35Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 36Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 37Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 38Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 39Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 40Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 41Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 42Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 39
MCP414X/416X/424X/426X
6.0
SERIAL INTERFACE (SPI)
The MCP4XXX devices support the SPI serial protocol.
This SPI operates in the slave mode (does not
generate the serial clock).
The SPI interface uses up to four pins. These are:
•CS - Chip Select
• SCK - Serial Clock
• SDI - Serial Data In
• SDO - Serial Data Out
Typical SPI Interfaces are shown in Figure 6-1. In the
SPI interface, The Master’s Output pin is connected to
the Slave’s Input pin and the Master’s Input pin is
connected to the Slave’s Output pin.
The MCP4XXX SPI’s module supports two (of the four)
standard SPI modes. These are Mode 0,0 and 1,1.
The SPI mode is determined by the state of the SCK
pin (VIH or VIL) on the when the CS pin transitions from
inactive (VIH) to active (VIL or VIHH).
All SPI interface signals are high-voltage tolerant.
FIGURE 6-1:
Typical SPI Interface Block Diagram.
SDI/SDO
SDI
SDO
SDO
SDI
R1
(2)
MCP41X1
SCK
SCK
SDI
SDO
MCP4XXX
SDO
SDI
SCK
SCK
( Master Out - Slave In (MOSI) )
( Master In - Slave Out (MISO) )
Host
Controller
Host
Controller
Typical SPI Interface Connections
Typical MCP41X1 SPI Interface Connections (Host Controller Hardware SPI)
SDI/SDO
SDI
SDO
I/O
MCP41X1
I/O
SCK
Host
Controller
Alternate MCP41X1 SPI Interface Connections (Host Controller Firmware SPI)
(SDO/SDI)
(SCK)
CS
I/O (1)
CS
I/O (1)
CS
I/O (1)
Note 1:
If High voltage commands are desired, some type of external circuitry needs to be
implemented.
2:
R1 must be sized to ensure VIL and VIH of the devices are met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com