Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4261-503E/MS Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP4261-503E/MS
Description  7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4261-503E/MS Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP4261-503E/MS Datasheet HTML 39Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 40Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 41Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 42Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 43Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 44Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 45Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 46Page - Microchip Technology MCP4261-503E/MS Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22059B-page 43
MCP414X/416X/424X/426X
FIGURE 6-5:
16-Bit Read Command for Devices with SDI/SDO multiplexed -
SPI Waveform (Mode 1,1).
FIGURE 6-6:
16-Bit Read Command for Devices with SDI/SDO multiplexed -
SPI Waveform (Mode 0,0).
CS
SCK
Write to
SSPBUF
SDI
Input
Sample
SDO
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
bit15 bit14 bit13 bit12
AD3 AD2 AD1
AD0
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
VIH
VIL
CMDERR bit
Note 1:
The SDI pin will read the state of the SDI pin which will be the SDO signal, unless overdriven
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
11
VIHH
CS
SCK
Write to
SSPBUF
SDI
Input
Sample
SDO
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
bit15 bit14 bit13 bit12
AD3 AD2 AD1
AD0
C1
C0
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
VIH
VIL
CMDERR bit
Note 1:
The SDI pin will read the state of the SDI pin which will be the SDO signal, unless overdriven
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
11
VIHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com