Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8510 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCP8510
Description  Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8510 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCP8510 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8510 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8510 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8510 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8510 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPCP8510
2009-07-14
3
IC – VCE
hFE – IC
VCE(sat) – IC
IC– VBE
12
0
0.4
0.6
0.8
1.0
4
6
8
10
0
2
0.2
0.01
0.01
0.1
1
0.001
1
0.1
1.2
0
0.2
0.4
1.0
0.8
0.6
0.4
0.2
0
0.6
0.8
1.0
IB = 1 mA
8
10
4
5
3
2
Ta
= −55°C
25
100
Ta
= −55°C
25
100
0.01
1
10
100
1000
0.001
Ta
= −55°C
25
100
1
0. 1
10
Common emitter
Ta=25℃
Single nonrepetitive pulse
Common emitter
VCE = 2 V
Single nonrepetitive pulse
6
Common emitter
IC/IB = 30
Single nonrepetitive pulse
Common emitter
VCE = 2 V
Single nonrepetitive pulse
Base-emitter voltage VBE (V)
Collector current IC (A)
0.01
0.1
1
0.1
1
10
0.001
Ta
= −55°C
25
100
VBE(sat) – IC
Common emitter
IC/IB = 30
Single nonrepetitive pulse
Collector current IC (A)
Collector-emitter voltage VCE (V)
Collector current IC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com