Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM134 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM134
Description  16-Bit Constant Current LED Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM134 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DM134
、DM135、DM136
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-3-
Version
:A.013
Block Diagram
Timing Diagram
(Note) Latches are level sensitive (not edge triggered).
LATCH-terminal = H level, latches become transparent; LATCH-terminal = L level, latches hold data.
ENABLE-terminal = H level, all outputs (OUT0~15) are off.
An external resistor is connected between R-EXT and GND for setting up the value of constant current.
SERIAL-OUT changes state on the rising edges of clock.
CLOCK
SERIAL_IN
LATCH
ENABLE
OUT0
OUT1
OUT2
OUT3
OUT13
OUT14
OUT15
5V
0V
5V
0V
5V
0V
5V
0V
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
5V
0V
SERIAL_OUT
Previous Data
16 Clocks
CK
CK
CK
D
D
D
Q
Q
Q
D
ST
Q
CLOCK
I-REG.
SERIAL-IN
LATCH
R-EXT
SERIAL-OUT
OUT15
OUT1
OUT0
D
ST
ST
Q
Q
D
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com