Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM134 Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # DM134
Description  16-Bit Constant Current LED Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134 Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button DM134 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM134 Datasheet HTML 12Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DM134
、DM135、DM136
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-7-
Version
:A.013
Switching Characteristics (Ta = 25 °C unless otherwise noted)
DM134
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENABLE-OUTn
⎯
15
30
Propagation
Delay Time
(“L” to “H”) CLK-SOUT
tpLH
⎯
20
25
ns
ENABLE-OUTn
⎯
25
30
Propagation
Delay Time
(“H” to “L”) CLK-SOUT
tpHL
⎯
20
25
ns
Output Current Rise Time
tor
30
75
150
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=210
Ω
VL=5.0V
RL=47
Ω
CL=13pF
10
20
40
ns
DM135
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENABLE-OUTn
⎯
20
40
Propagation
Delay Time
(“L” to “H”) CLK-SOUT
tpLH
⎯
20
25
ns
ENABLE-OUTn
⎯
30
60
Propagation
Delay Time
(“H” to “L”) CLK-SOUT
tpHL
⎯
20
25
ns
Output Current Rise Time
tor
25
50
100
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=630
Ω
VL=5.0V
RL=150
Ω
CL=13pF
15
30
60
ns
DM136
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENABLE-OUTn
⎯
20
40
Propagation
Delay Time
(“L” to “H”) CLK-SOUT
tpLH
⎯
20
25
ns
ENABLE-OUTn
⎯
60
120
Propagation
Delay Time
(“H” to “L”) CLK-SOUT
tpHL
⎯
20
25
ns
Output Current Rise Time
tor
40
95
180
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=2100
Ω
VL=5.0V
RL=475
Ω
CL=13pF
15
35
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com