Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM148 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # VM148
Description  130mA, 10Bit Current Sinking VCM Driver with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM148 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  VM148 Datasheet HTML 1Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 2Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 3Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 4Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-VM148
Version
:001
Page
:1
11-VM148
130mA, 10-Bit Current Sinking VCM Driver
with I
2C Interface
General Specifications
The 11-VM148 is a VCM(Voice Coil Motor) driver IC with I2C interface control that is
capable of programmable sinking output current. It has a built-in internal voltage reference
and operates with a supply voltage range from 2.4V to 5.5V. The DAC is controlled by a
signal transmit through a 2-wire I2C serial interface which operates in an I2C fast mode
(400 kHz). The 11-VM148 is designed for applications such as image stabilization,
auto-focus, optical zoom in camera phones, and other portable module devices.
Features and Benefits
Programmable sinking output current
I2C serial interface
DAC with 10-BIT resolution
2.4V – 5.5V power source
Low voltage control for digital pin PD, SDA, and SCL(i.e., VIH = 1.54V @ VDD = 2.8V)
Power off operation
Automatic power on reset
Small package: DFN10 (3*3*0.8 mm), WLCSP(0.99*1.87*0.5 mm)
Ordering Information
Part Number
Package
Marking
11-VM148 WLCSP
WLCSP, 8Pin
GXX* or HXX*
11-VM148 DFN
DFN, 10Pin
XXXX**G
*XX reserved for a data code
**XXXX reserved for a date code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com