Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM148 Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # VM148
Description  130mA, 10Bit Current Sinking VCM Driver with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM148 Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button VM148 Datasheet HTML 5Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 6Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 7Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 8Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 9Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 10Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 11Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 12Page - Silicon Touch Technology Inc. VM148 Datasheet HTML 13Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-VM148
Version
:001
Page
:8
Table
MSB
LSB
Serial Data Bits
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Input Register
R15 R14 R13 R12 R11 R10 R09 R08 R07 R06 R05 R04 R03 R02 R01 R00
Function
SPD X
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
X
X
X
X
SPD (Soft Power off, 2nd standby mode): IC power off controlled by software.
X denotes “Don’t care/Unused”.
Regarding to all kinds of IC operation situations please refers to following table.
PD
SPD
IC status
High
-
Power off
Low
IC Active
Low
High
Soft power off
The PD pin is the power off pin of 11-VM148. Logic low level (PD = Low) is for IC
operation. On the other hand, its logic high level (PD = High) puts the chip into power off
mode for power saving. It is recommended to keep PD at high level (PD = H) before while
the chip is no operation to save power, especially for applications in portable devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com