Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4060A Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4060A
Description  Wide Input 2A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060A Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4060A Datasheet HTML 1Page - Active-Semi, Inc ACT4060A Datasheet HTML 2Page - Active-Semi, Inc ACT4060A Datasheet HTML 3Page - Active-Semi, Inc ACT4060A Datasheet HTML 4Page - Active-Semi, Inc ACT4060A Datasheet HTML 5Page - Active-Semi, Inc ACT4060A Datasheet HTML 6Page - Active-Semi, Inc ACT4060A Datasheet HTML 7Page - Active-Semi, Inc ACT4060A Datasheet HTML 8Page - Active-Semi, Inc ACT4060A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACT4060A
Rev 0, 28-Apr-09
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4060ASH
-40°C to 85°C
SOP-8
8
TUBE
ACT4060ASH-T
-40°C to 85°C
SOP-8
8
TAPE & REEL
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
BS
Bootstrap. This pin acts as the positive rail for the high-side switch’s gate driver.
Connect a 10nF capacitor between BS and SW.
2
IN
Input Supply. Bypass this pin to G with a low ESR capacitor. See Input Capacitor
in the Application Information section.
3
SW
Switch Output. Connect this pin to the switching end of the inductor.
4
G
Ground.
5
FB
Feedback Input. The voltage at this pin is regulated to 1.293V. Connect to the
resistor divider between output and ground to set output voltage.
6
COMP
Compensation Pin. See Stability Compensation in the Application Information
section.
7
EN
Enable Input. When higher than 1.3V, this pin turns the IC on. When lower than
0.7V, this pin turns the IC off. Output voltage is discharged when the IC is off.
When left unconnected, EN is pulled up to 4.5V with a 2µA pull-up current.
8
N/C
Not Connected.
PIN CONFIGURATION
SOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com