Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4060A Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4060A
Description  Wide Input 2A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060A Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4060A Datasheet HTML 1Page - Active-Semi, Inc ACT4060A Datasheet HTML 2Page - Active-Semi, Inc ACT4060A Datasheet HTML 3Page - Active-Semi, Inc ACT4060A Datasheet HTML 4Page - Active-Semi, Inc ACT4060A Datasheet HTML 5Page - Active-Semi, Inc ACT4060A Datasheet HTML 6Page - Active-Semi, Inc ACT4060A Datasheet HTML 7Page - Active-Semi, Inc ACT4060A Datasheet HTML 8Page - Active-Semi, Inc ACT4060A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACT4060A
Rev 0, 28-Apr-09
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
As seen in Functional Block Diagram, the AC-
T4060A is a current mode pulse width modulation
(PWM) converter. The converter operates as fol-
lows:
A switching cycle starts when the rising edge of the
Oscillator clock output causes the High-Side Power
Switch to turn on and the Low-Side Power Switch to
turn off. With the SW side of the inductor now con-
nected to IN, the inductor current ramps up to store
energy in the magnetic field. The inductor current
level is measured by the Current Sense Amplifier
and added to the Oscillator ramp signal. If the re-
sulting summation is higher than the COMP voltage,
the output of the PWM Comparator goes high.
When this happens or when Oscillator clock output
goes low, the High-Side Power Switch turns off and
the Low-Side Power Switch turns on. At this point,
the SW side of the inductor swings to a diode volt-
age below ground, causing the inductor current to
decrease and magnetic energy to be transferred to
output. This state continues until the cycle starts
again.
The High-Side Power Switch is driven by logic using
BS as the positive rail. This pin is charged to VSW +
6V when the Low-Side Power Switch turns on.
The COMP voltage is the integration of the error
between FB input and the internal 1.293V refer-
ence. If FB is lower than the reference voltage,
COMP tends to go higher to increase current to the
output. Current limit happens when COMP reaches
its maximum clamp value of 2.55V.
The Oscillator normally switches at 400kHz. How-
ever, if FB voltage is less than 0.7V, then the
switching frequency decreases until it reaches a
typical value of 60kHz at VFB = 0.5V.
Shutdown Control
The ACT4060A has an enable input EN for turning
the IC on or off. When EN is less than 0.7V, the IC
is in 10μA low current shutdown mode and output is
discharged through the Low-Side Power Switch.
When EN is higher than 1.3V, the IC is in normal
operation mode. EN is internally pulled up with a
2μA current source and can be left unconnected for
always-on operation. Note that EN is a low voltage
input with a maximum voltage of 6V, it should never
be directly connected to IN.
Thermal Shutdown
The ACT4060A automatically turns off when its
junction temperature exceeds 160°C.
IN
EN
COMP
FB
BS
SW
LOGIC
THERMAL
SHUTDOWN
REGULATOR
&
REFERENCE
+
-
OSCILLATOR
&
RAMP
FOLDBACK
CONTROL
1.293V
ERROR
AMPLIFIER
ENABLE
0.18Ω
HIGH-SIDE
POWER
SWITCH
G
+
- + -
-
+
PWM
COMP
CURRENT SENSE
AMPLIFIER
4.5Ω LOW-SIDE
POWER SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com