Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8310 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8310
Description  1.5A, PWM Step-Down DC/DCs in TDFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8310 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8310 Datasheet HTML 1Page - Active-Semi, Inc ACT8310 Datasheet HTML 2Page - Active-Semi, Inc ACT8310 Datasheet HTML 3Page - Active-Semi, Inc ACT8310 Datasheet HTML 4Page - Active-Semi, Inc ACT8310 Datasheet HTML 5Page - Active-Semi, Inc ACT8310 Datasheet HTML 6Page - Active-Semi, Inc ACT8310 Datasheet HTML 7Page - Active-Semi, Inc ACT8310 Datasheet HTML 8Page - Active-Semi, Inc ACT8310 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACT8309/8310/8311
Rev PrA, 24-Jan-08
Active-Semi
Innovative Products. Active Solutions.
- 3 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
PARAMETER
UNIT
IN, SW to GP
V
FB, EN, POK to G
V
FB, EN, SW Voltage
V
GP to G
V
Continuous SW Current
A
Junction to Ambient Thermal Resistance (θJA)
°C/W
Maximum Power Dissipation (derate 5.3mW/°C above TA = 50°C)
W
Operating Junction Temperature
°C
Storage Temperature
°C
Lead Temperature (Soldering, 10 sec)
°C
VALUE
-0.3 to +5.5
-0.3 to +5.5
-0.3 to VIN + 0.3
-0.3 to +0.3
Internally limited
61
1.63
-40 to 150
-55 to 150
300
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com