Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8310 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT8310
Description  1.5A, PWM Step-Down DC/DCs in TDFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8310 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT8310 Datasheet HTML 2Page - Active-Semi, Inc ACT8310 Datasheet HTML 3Page - Active-Semi, Inc ACT8310 Datasheet HTML 4Page - Active-Semi, Inc ACT8310 Datasheet HTML 5Page - Active-Semi, Inc ACT8310 Datasheet HTML 6Page - Active-Semi, Inc ACT8310 Datasheet HTML 7Page - Active-Semi, Inc ACT8310 Datasheet HTML 8Page - Active-Semi, Inc ACT8310 Datasheet HTML 9Page - Active-Semi, Inc ACT8310 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ACT8309/8310/8311
Rev PrA, 24-Jan-08
Active-Semi
Innovative Products. Active Solutions.
- 8 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
0
200
400
600
800
1200
1000
900
800
700
600
500
400
300
200
100
0
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = VEN = 3.6V, TA = 25°C, unless otherwise specified.)
ACT8309 Efficiency vs. Load Current
Load Current (mA)
1
Load Current (mA)
ACT8309 Dropout Voltage vs. Load Current
ACT8310 Efficiency vs. Load Current
Load Current (mA)
1
160
180
10
100
1000
10
100
1000
140
120
80
100
60
40
20
0
80
90
70
60
40
50
20
10
0
ACT8311 Efficiency vs. Load Current
Load Current (mA)
1
10
100
1000
200
VOUT = 3.3V
VOUT = 3.0V
Load Current (mA)
ACT8310 Dropout Voltage vs. Load Current
160
180
140
120
80
100
60
40
20
0
200
VOUT = 3.3V
VOUT = 3.0V
1.2
1.0
0.8
0.6
0.4
0.2
0
Load Current (mA)
ACT8311 Dropout Voltage vs. Load Current
160
180
140
120
80
100
60
40
20
0
200
VOUT = 3.3V
VOUT = 3.0V
220
1.4 1.5
10000
10000
10000
30
100
VIN = 3.6V
VIN = 3.6V
VIN = 3.6V
VOUT = 3.3V
VOUT = 3.0V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 3.3V
VOUT = 3.0V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 3.3V
VOUT = 3.0V
VOUT = 1.8V
VOUT = 1.2V
80
90
70
60
40
50
20
10
0
30
80
90
70
60
40
50
20
10
0
30
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com