Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8740 Datasheet(PDF) 29 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 29 Page - Active-Semi, Inc

Back Button ACT8740_08 Datasheet HTML 25Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 26Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 27Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 28Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 29Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 30Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 31Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 32Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
LOW-NOISE, LOW-DROPOUT, LINEAR REGULATORS
ACT8740
Rev PrB, 25-Feb-08
Innovative Products. Active Solutions.
- 29 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
REGISTER DESCRIPTIONS
Note: See Table 1 for default register settings.
Table 8:
CFG Control Register Map
ADDRESS
DATA
D7
D6
D5
D3
D2
D1
D0
40h
R
ON3
VSET3
41h
R
ON4
VSET4
42h
R
ON5
VSET5
43h
OK5
OK4
OK3
DIS5
DIS4
DIS3
W/E
R
D4
R
R
R
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
40h
VSET3
[4:0]
R/W
REG3 Output Voltage
Selection
See Table 10
40h
ON3
[5]
R/W
REG3 Enable
0
REG3 Disable
1
REG3 Enable
40h
[7:6]
R
READ ONLY
41h
VSET4
[4:0]
R/W
REG4 Output Voltage
Selection
See Table 10
41h
ON4
[5]
R/W
REG4 Enable
0
REG4 Disable
1
REG4 Enable
41h
[7:6]
R
READ ONLY
42h
VSET5
[4:0]
R/W
REG5 Output Voltage
Selection
See Table 10
42h
ON5
[5]
R/W
REG5 Enable
0
REG5 Disable
1
REG5 Enable
42h
[7:6]
R
READ ONLY
43h
[0]
R
READ ONLY
43h
[1]
W/E
43h
DIS3
[2]
R/W
REG3 Discharge Enable
0
Discharge Disable
1
Discharge Enable
43h
DIS4
[3]
R/W
REG4 Discharge Enable
0
Discharge Disable
1
Discharge Enable
WRITE-EXACT
Table 9:
REG345 Control Register Bit Descriptions
R: Read-Only bits. Default Values May Vary.
W/E: Write-Exact bits. Read/Write bits which must be written exactly as specified in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com