Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8740 Datasheet(PDF) 30 Page - Active-Semi, Inc

Part # ACT8740
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8740 Datasheet(HTML) 30 Page - Active-Semi, Inc

Back Button ACT8740_08 Datasheet HTML 26Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 27Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 28Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 29Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 30Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 31Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 32Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 33Page - Active-Semi, Inc ACT8740_08 Datasheet HTML 34Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
LOW-NOISE, LOW-DROPOUT, LINEAR REGULATORS
ACT8740
Rev PrB, 25-Feb-08
Innovative Products. Active Solutions.
- 30 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
REGISTER DESCRIPTIONS CONT’D
Table 10:
REG345CFG/VSETx[ ] Output Voltage Setting
REG345CFG/VSETx[2:0]
REG345CFG/VSETx[4:3]
00
01
10
11
000
1.4
2.15
2.55
3.0
001
1.5
2.20
2.60
3.1
010
1.6
2.25
2.65
3.2
011
1.7
2.30
2.70
3.3
100
1.8
2.35
2.75
3.4
101
1.9
2.40
2.80
3.5
110
2.0
2.45
2.85
3.6
111
2.1
2.50
2.90
3.7
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
43h
DIS5
[4]
R/W
REG5 Discharge Enable
0
Discharge Disable
1
Discharge Enable
43h
OK3
[5]
R
REG3 Power-OK
0
Output is not OK
1
Output is OK
43h
OK4
[6]
R
REG4 Power-OK
0
Output is not OK
1
Output is OK
43h
OK5
[7]
R
REG5 Power-OK
0
Output is not OK
1
Output is OK
Table 9:
Control Register Bit Descriptions (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com