Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HT Datasheet(PDF) 1 Page - Weitron Technology

Part # MMBD4448HT
Description  Surface Mount Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBD4448HT Datasheet(HTML) 1 Page - Weitron Technology

  MMBD4448HT Datasheet HTML 1Page - Weitron Technology MMBD4448HT Datasheet HTML 2Page - Weitron Technology MMBD4448HT Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD4448HT/HTA
HTC/HTS
SWITCHING DIODES
250 mAMPERES
80 VOLTS
Surface Mount Switching Diodes
WEITRON
http://www.weitron.com.tw
1/3
31-May-07
SOT-523(SC-75)
1
2
3
SOT-523 Outline Dimensions (SC-75)
Unit:mm
A
B
D
E
G
M
L
H
J
TOP VIEW
Dim
A
B
C
D
E
G
H
J
K
L
M
Min
0.30
0.70
1.45
-
0.15
0.80
1.40
0.00
0.70
0.37
0.10
Max
0.50
0.90
1.75
0.50
0.40
1.00
1.80
0.10
1.00
0.48
0.25
K
C
SOT-523
* Ultra-Small Surface Mount Package
* Fast switching Speed
* For General Purpose Switching Applications
* High Conductance
Features:
Mechanical Data:
* Terminals: Solderable per MIL-STD-202, Method 208
* Polarity: See Diagrams Page.2
* Marking: See Diagrams Page.2
* Weight: 0.002 grams (approx)
Lead(Pb)-Free
P b


Similar Part No. - MMBD4448HT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
76Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 9 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
Rev. 12 - 2 March 2009
logo
Micro Commercial Compon...
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
logo
SeCoS Halbleitertechnol...
MMBD4448HT SECOS-MMBD4448HT Datasheet
285Kb / 2P
Plastic-Encapsulated Switching Diode
More results

Similar Description - MMBD4448HT

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com