Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HT Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBD4448HT
Description  Surface Mount Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBD4448HT Datasheet(HTML) 2 Page - Weitron Technology

  MMBD4448HT Datasheet HTML 1Page - Weitron Technology MMBD4448HT Datasheet HTML 2Page - Weitron Technology MMBD4448HT Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings (TA=25°C Unless otherwise noted)
Characteristic
Symbol
VRRM
VRRM
IFM
IFSM
VR
Pd
Value
Unit
80
500
4.0
2.0
150
-65 to + 150
Electrical Characteristics (TA=25˚C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage
IR=2.5µA
Forward Voltage
IF=5mA
IF=10mA
IF=100mA
IF=150mA
Total Capacitance
VR=6V, f=1.0MHz
Reverse Current
VR=70V
VR=20V
V(BR)R
VF
CT
IR
Min
Max
Unit
80
620
-
-
-
-
720
855
1000
1250
3.5
0.1
0.025
mV
V
pF
µA
Reverse Recover Time
VR=6V, IF=5mA
Trr
4.0
nS
Device Marking
Item
Marking
Eqivalent Circuit diagram
1
3
1
2
3
1
2
3
MMBD4448HT
MMBD4448HTC
MMBD4448HTS
MMBD4448HTA
A3
A7
AB
A6
1
2
3
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Forward Continuous Current
Non-Repetitive Peak Forward Surge Current
Power Dissipation
Storage Temperature Range
Junction Temperature Range
Tj
TSTG
V
mA
IO
250
mA
VRM
100
Non-Repetitve Peak Reverse Voltage
Average Rectied Output Current
V
A
mW
°C
°C
WEITRON
http://www.weitron.com.tw
2/3
31-May-07
MMBD4448HT/HTA
HTC/HTS
Thermal Resistance
RθJA
°C/W
833
@t=1.0µS
@t=1.0S
+150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com