Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF8205 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8205
Description  Battery protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8205 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF8205 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF8205
DESCRIPTION
G1
D2
G2
S2
D1
S1
The SSF8205 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 2.5V. This device is suitable
for use as a Battery protection or in other Switching
application.
Schematic diagram
GENERAL FEATURES
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
8205
SSF8205
SOT23-6
Ø180mm
8mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±10
V
ID
4
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
25
A
Maximum Power Dissipation
PD
1.25
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
100
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=16V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
±100
nA
●
V = 20V,I
DS
D = 4A
R
< 45mΩ @ V
DS(ON)
GS=2.5V
R
< 30mΩ @ V
DS(ON)
GS=4V
●
High Power and current handing capability
●
Lead free product is acquired
Marking and pin Assignment
●
Surface Mount Package
Application
●
Battery protection
●
Load switch
●
Power management
SOT23-6 top view
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.1


Similar Part No. - SSF8205

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF8205 GOOD-ARK-SSF8205 Datasheet
963Kb / 8P
20V Dual N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF8205A SILIKRON-SSF8205A Datasheet
553Kb / 7P
Battery protection
logo
VBsemi Electronics Co.,...
SSF8205A VBSEMI-SSF8205A Datasheet
965Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Silikron Semiconductor ...
SSF8205U SILIKRON-SSF8205U Datasheet
605Kb / 9P
Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF8205U GOOD-ARK-SSF8205U Datasheet
966Kb / 8P
18V Dual N-Channel MOSFET
More results

Similar Description - SSF8205

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2302 SILIKRON-SSF2302 Datasheet
393Kb / 7P
Battery protection
SSF2306 SILIKRON-SSF2306 Datasheet
309Kb / 5P
Battery protection
SSF2312 SILIKRON-SSF2312 Datasheet
288Kb / 1P
Battery protection
SSF2318E SILIKRON-SSF2318E Datasheet
303Kb / 5P
Battery protection
SSF2334 SILIKRON-SSF2334 Datasheet
271Kb / 5P
Battery protection
SSF2336 SILIKRON-SSF2336 Datasheet
271Kb / 5P
Battery protection
SSF8205A SILIKRON-SSF8205A Datasheet
553Kb / 7P
Battery protection
SSF8822 SILIKRON-SSF8822 Datasheet
400Kb / 5P
Battery protection
SSF2316E SILIKRON-SSF2316E Datasheet
375Kb / 5P
Battery protection
SSF2341E SILIKRON-SSF2341E Datasheet
408Kb / 5P
Battery protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com