Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF8205 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8205
Description  Battery protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8205 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF8205 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF8205 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF8205
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
V
V =V
GS(th)
DS
GS,ID=250μA
0.5
0.8
1.2
V
V =4V, I
GS
D=4A
27
30
mΩ
Drain-Source On-State Resistance
RDS(ON)
V =2.5V, I
GS
D=3A
35
45
mΩ
Forward Transconductance
g
V =5V,I
FS
DS
D=4A
10
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
C
800
PF
lss
Output Capacitance
Coss
155
PF
V =8V,V
DS
GS=0V,
F=1.0MHz
Reverse Transfer Capacitance
C
125
PF
rss
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
t
18.3
nS
d(on)
Turn-on Rise Time
t
4.8
nS
r
Turn-Off Delay Time
td(off)
43.5
nS
V =10V,I
DD
D=1A
V =4V,R
Turn-Off Fall Time
tf
GS
GEN=10Ω
20
nS
Total Gate Charge
Q
11
nC
g
Gate-Source Charge
Qgs
2.2
nC
V =10V,I
Gate-Drain Charge
Qgd
DS
D=4A,
V =4V
GS
2.5
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
V
V =0V,I =2A
0.8
1.2
V
SD
GS
S
Diode Forward Current (Note 2)
I
2
A
S
NOTES:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production testing.
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com