Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 69Page - NXP Semiconductors MFRC522 Datasheet HTML 70Page - NXP Semiconductors MFRC522 Datasheet HTML 71Page - NXP Semiconductors MFRC522 Datasheet HTML 72Page - NXP Semiconductors MFRC522 Datasheet HTML 73Page - NXP Semiconductors MFRC522 Datasheet HTML 74Page - NXP Semiconductors MFRC522 Datasheet HTML 75Page - NXP Semiconductors MFRC522 Datasheet HTML 76Page - NXP Semiconductors MFRC522 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
73 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
VOH
HIGH-level output voltage
VDD(PVDD) =3V; IO = 4 mA
VDD(PVDD)
0.4
-VDD(PVDD)
V
VOL
LOW-level output voltage
VDD(PVDD) =3V; IO = 4 mA
VSS(PVSS)
-VSS(PVSS) +
0.4
V
IOH
HIGH-level output current
VDD(PVDD) =3V
-
-
4
mA
IOL
LOW-level output current
VDD(PVDD) =3V
-
-
4
mA
Output characteristics
Pin MFOUT
VOH
HIGH-level output voltage
VDD(SVDD) =3V; IO = 4 mA
VDD(SVDD)
0.4
-VDD(SVDD)
V
VOL
LOW-level output voltage
VDD(SVDD) =3V; IO = 4 mA
VSS(PVSS)
-VSS(PVSS) +
0.4
V
IOL
LOW-level output current
VDD(SVDD) =3V
-
-
4
mA
IOH
HIGH-level output current
VDD(SVDD) =3V
-
-
4
mA
Pin IRQ
VOH
HIGH-level output voltage
VDD(PVDD) =3V; IO = 4 mA
VDD(PVDD)
0.4
-VDD(PVDD)
V
VOL
LOW-level output voltage
VDD(PVDD) =3V; IO = 4 mA
VSS(PVSS)
-VSS(PVSS) +
0.4
V
IOL
LOW-level output current
VDD(PVDD) =3V
-
-
4
mA
IOH
HIGH-level output current
VDD(PVDD) =3V
-
-
4
mA
Pins AUX1 and AUX2
VOH
HIGH-level output voltage
VDDD =3V; IO = 4 mA
VDDD − 0.4
-
VDDD
V
VOL
LOW-level output voltage
VDDD =3V; IO = 4 mA
VSS(PVSS)
-VSS(PVSS) +
0.4
V
IOL
LOW-level output current
VDDD =3V
-
-
4
mA
IOH
HIGH-level output current
VDDD =3V
-
-
4
mA
Pins TX1 and TX2
VOH
HIGH-level output voltage
VDD(TVDD) =3V;
IDD(TVDD) = 32 mA;
CWGsP[5:0] = 3Fh
VDD(TVDD)
0.15
--
V
VDD(TVDD) =3V;
IDD(TVDD) = 80 mA;
CWGsP[5:0] = 3Fh
VDD(TVDD)
0.4
--
V
VDD(TVDD) = 2.5 V;
IDD(TVDD) = 32 mA;
CWGsP[5:0] = 3Fh
VDD(TVDD)
0.24
--
V
VDD(TVDD) = 2.5 V;
IDD(TVDD) = 80 mA;
CWGsP[5:0] = 3Fh
VDD(TVDD)
0.64
--
V
Table 153. Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com