Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFRC522 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 6Page - NXP Semiconductors MFRC522 Datasheet HTML 7Page - NXP Semiconductors MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors MFRC522 Datasheet HTML 10Page - NXP Semiconductors MFRC522 Datasheet HTML 11Page - NXP Semiconductors MFRC522 Datasheet HTML 12Page - NXP Semiconductors MFRC522 Datasheet HTML 13Page - NXP Semiconductors MFRC522 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
MFRC522_33
© NXP B.V. 2009. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 26 October 2009
112133
10 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.2.2
SPI write data
To write data to the MFRC522 using SPI requires the byte order shown in Table 7. It is
possible to write up to n data bytes by only sending one address byte.
The first send byte defines both the mode and the address byte.
[1]
X = Do not care.
Remark: The MSB must be sent first.
8.1.2.3
SPI address byte
The address byte must meet the following format.
The MSB of the first byte defines the mode used. To read data from the MFRC522 the
MSB is set to logic 1. To write data to the MFRC522 the MSB must be set to logic 0. Bits 6
to 1 define the address and the LSB is set to logic 0.
8.1.3 UART interface
8.1.3.1
Connection to a host
Remark: Signals DTRQ and MX can be disabled by clearing TestPinEnReg register’s
RS232LineEn bit.
Table 7.
MOSI and MISO byte order
Line
Byte 0
Byte 1
Byte 2
To
Byte n
Byte n + 1
MOSI
address 0
data 0
data 1
...
data n
− 1
data n
MISO
X[1]
X[1]
X[1]
...
X[1]
X[1]
Table 8.
Address byte 0 register; address MOSI
7 (MSB)
6
5
4
3
2
1
0 (LSB)
1 = read
0 = write
address
0
Fig 8.
UART connection to microcontrollers
001aak587
MFRC522
RX
RX
TX
TX
DTRQ
DTRQ
MX
MX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com